Electronic Components Datasheet Search
  English  ▼

X  

MP1494 Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP1494
Description  High-Efficiency, 2A, 16V, 500kHz Synchronous, Step-Down Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1494 Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP1494 Datasheet HTML 7Page - Monolithic Power Systems MP1494 Datasheet HTML 8Page - Monolithic Power Systems MP1494 Datasheet HTML 9Page - Monolithic Power Systems MP1494 Datasheet HTML 10Page - Monolithic Power Systems MP1494 Datasheet HTML 11Page - Monolithic Power Systems MP1494 Datasheet HTML 12Page - Monolithic Power Systems MP1494 Datasheet HTML 13Page - Monolithic Power Systems MP1494 Datasheet HTML 14Page - Monolithic Power Systems MP1494 Datasheet HTML 15Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
MP1494 – SYNCHRONOUS STEP-DOWN CONVERTER
MP1494 Rev. 1.04
www.MonolithicPower.com
11
12/26/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
APPLICATION INFORMATION
Setting the Output Voltage
The external resistor divider sets the output
voltage (see Typical Application on page 1). The
feedback resistor R1 also sets the feedback loop
bandwidth
with
the
internal
compensation
capacitor (see Typical Application on page 1).
Choose R1 around 40kΩ. R2 is then given by:
OUT
R1
R2
V
1
0.807V
=
−
The T-type network—as shown in Figure 4—is
highly recommended when VOUT is low.
FB
8
RT
R2
R1
VOUT
Figure 4: T-Type Network
Table 1 lists the recommended T-type resistors
value for common output voltages.
Table 1: Resistor Selection for Common Output
Voltages
VOUT (V)
R1 (kΩ)
R2 (kΩ)
Rt (kΩ)
1.0
20.5(1%)
82(1%)
82(1%)
1.2
30.1(1%)
60.4(1%)
82(1%)
1.8
40.2(1%)
32.4(1%)
56(1%)
2.5
40.2(1%)
19.1(1%)
33(1%)
3.3
40.2(1%)
13(1%)
33(1%)
5
40.2(1%)
7.68(1%)
33(1%)
Selecting the Inductor
Use a1µH-to-10µH inductor with a DC current
rating of at least 25% percent higher than the
maximum load current for most applications. For
highest efficiency, use an inductor with a DC
resistance less than 15mΩ. For most designs,
the inductance value can be derived from the
following equation.
OUT
IN
OUT
1
IN
L
OSC
V(V
V
)
L
VI
f
×−
=
×Δ ×
Where ΔIL is the inductor ripple current.
Choose the inductor ripple current to be
approximately 30% of the maximum load current.
The maximum inductor peak current is:
2
I
I
I
L
LOAD
)
MAX
(
L
Δ
+
=
Use a larger inductor for improved efficiency
under light-load conditions—below 100mA.
Setting the AAM Voltage
The AAM voltage sets the transition point from
AAM to CCM. Select a voltage to balance
efficiency, stability, ripple, and transient.
A low AAM voltage improves stability and ripple,
but degrades transient and efficiency during AAM.
Likewise, a high AAM voltage improves the
transient
and
efficiency
during
AAM,
but
degrades stability and ripple.
The AAM voltage comes from the tap of a
resistor divider from VCC (5V) to GND, as shown
in Figure 5.
R3
AAM
VCC(5V)
R4
Figure 5: AAM Network
Generally, choose R4 to be around 10kΩ, then
R3 is:
⎟
⎠
⎞
⎜
⎝
⎛
−
=
1
AAM
VCC
R4
R3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com