Electronic Components Datasheet Search
  English  ▼

X  

MP1495 Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP1495
Description  High Efficiency 3A, 16V, 500kHz Synchronous Step Down Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1495 Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP1495 Datasheet HTML 7Page - Monolithic Power Systems MP1495 Datasheet HTML 8Page - Monolithic Power Systems MP1495 Datasheet HTML 9Page - Monolithic Power Systems MP1495 Datasheet HTML 10Page - Monolithic Power Systems MP1495 Datasheet HTML 11Page - Monolithic Power Systems MP1495 Datasheet HTML 12Page - Monolithic Power Systems MP1495 Datasheet HTML 13Page - Monolithic Power Systems MP1495 Datasheet HTML 14Page - Monolithic Power Systems MP1495 Datasheet HTML 15Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
MP1495 – SYNCHRONOUS STEP-DOWN CONVERTER
MP1495 Rev. 1.04
www.MonolithicPower.com
11
12/26/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
APPLICATION INFORMATION
Setting the Output Voltage
The external resistor divider sets the output
voltage. The feedback resistor R1 also sets the
feedback loop bandwidth with the internal
compensation capacitor (see Typical Application
on page 1). Choose R1 around 40kΩ, then R2 is:
OUT
R1
R2
V
1
0.807V
=
−
Use the T-type network when VOUT is low, as
shown in Figure 4.
FB
8
RT
R2
R1
VOUT
Figure 4: T-Type Network
Table 1 lists the recommended T-type resistor
value for common output voltages.
Table 1: Resistor Selection for Common Output
Voltages
VOUT (V)
R1 (kΩ)
R2 (kΩ)
Rt (kΩ)
1.0
20.5(1%)
82(1%)
82(1%)
1.2
30.1(1%)
60.4(1%)
82(1%)
1.8
40.2(1%)
32.4(1%)
56(1%)
2.5
40.2(1%)
19.1(1%)
33(1%)
3.3
40.2(1%)
13(1%)
33(1%)
5
40.2(1%)
7.68(1%)
33(1%)
Selecting the Inductor
For most applications, use a 1µH-to-10µH
inductor with a DC current rating that is at least
25% percent higher than the maximum load
current. Select an inductor with a DC resistance
less than 15mΩ for highest efficiency. For most
designs, the inductance value can be derived
from the following equation.
OUT
IN
OUT
1
IN
L
OSC
V(V
V
)
L
VI
f
×−
=
×Δ ×
Where ΔIL is the inductor ripple current.
Choose an inductor ripple current to be
approximately 30% of the maximum load current.
The maximum inductor peak current is:
2
I
I
I
L
LOAD
)
MAX
(
L
Δ
+
=
Use a larger inductor for light-load conditions
(below 100mA) for improved efficiency.
Setting the AAM Voltage
The AAM voltage sets the transition point from
AAM to CCM. Select a voltage that balances
efficiency, stability, ripple, and transient: A
relatively low AAM voltage improves stability and
ripple, but degrades transient and efficiency
during AAM mode; a relatively high AAM voltage
improves the transient and efficiency during AAM,
but degrades stability and ripple.
AAM voltage is set from the tap of a resistor
divider from the VCC (5V) pin, as shown in Figure
5.
R3
AAM
VCC(5V)
R4
Figure 5: AAM Network
Generally, choose R4 to be around 10kΩ, then
R3 is:
⎟
⎠
⎞
⎜
⎝
⎛
−
=
1
AAM
VCC
R4
R3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com