Electronic Components Datasheet Search
  English  ▼

X  

MP1496 Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP1496
Description  High-Efficiency, 2A, 16V, 500kHz Synchronous, Step-Down Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1496 Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP1496 Datasheet HTML 7Page - Monolithic Power Systems MP1496 Datasheet HTML 8Page - Monolithic Power Systems MP1496 Datasheet HTML 9Page - Monolithic Power Systems MP1496 Datasheet HTML 10Page - Monolithic Power Systems MP1496 Datasheet HTML 11Page - Monolithic Power Systems MP1496 Datasheet HTML 12Page - Monolithic Power Systems MP1496 Datasheet HTML 13Page - Monolithic Power Systems MP1496 Datasheet HTML 14Page - Monolithic Power Systems MP1496 Datasheet HTML 15Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
MP1496 – SYNCHRONOUS, STEP-DOWN CONVERTER WITH INTERNAL MOSFETS
MP1496 Rev. 1.05
www.MonolithicPower.com
11
12/26/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
APPLICATION INFORMATION
Setting the Output Voltage
The external resistor divider sets the output
voltage (see the Typical Application on page 1).
The feedback resistor R1—in conjunction with
the internal compensation capacitor—also sets
the feedback loop bandwidth. R2 is then given
by:
OUT
R1
R2
V
1
0.807V
=
−
The T-type network shown in Figure 4 is highly
recommended.
FB
8
RT
R2
R1
VOUT
Figure 4: T-Type Network
Table 1 lists the recommended T-type resistor
values for common output voltages.
Table 1: Resistor Selection for Common Output
Voltages
VOUT (V)
R1 (kΩ)
R2 (kΩ)
Rt (kΩ)
1.0
20.5
82
82
1.2
30.1
60.4
82
1.8
40.2
32.4
56
2.5
40.2
19.1
33
3.3
40.2
13
33
5
40.2
7.68
33
Selecting the Inductor
Use a 1µH-to-10µH inductor with a DC current
rating of at least 25% percent higher than the
maximum load current for most applications.
Select an inductor with a DC resistance less
than 15mΩ for highest efficiency. For most
designs, the inductance value can be derived
from the following equation.
OUT
IN
OUT
1
IN
L
OSC
V(V
V
)
L
VI
f
×−
=
×Δ ×
Where ΔIL is the inductor ripple current.
Choose an inductor ripple current to be
approximately 30% of the maximum load
current. The maximum inductor peak current is:
2
I
I
I
L
LOAD
)
MAX
(
L
Δ
+
=
Use a larger inductance for improved light-load
efficiency.
Selecting the Input Capacitor
The input current to the step-down converter is
discontinuous,
and
therefore
requires
a
capacitor to supply the AC current to the step-
down converter while maintaining the DC-input
voltage. Use low-ESR capacitors for best
performance, especially ceramic capacitors with
X5R or X7R dielectrics for their low ESR and
small
temperature
coefficients.
For
most
applications, use a 22µF capacitor.
Since the input capacitor (C1) absorbs the input
switching current, it requires an adequate ripple
current rating. Estimate the RMS current in the
input capacitor with:
⎟
⎟
⎠
⎞
⎜
⎜
⎝
⎛
×
−
×
=
IN
OUT
IN
OUT
LOAD
1
C
V
V
1
V
V
I
I
The worse case condition occurs at VIN = 2VOUT,
where:
2
I
I
LOAD
1
C =
For simplification, choose an input capacitor
with an RMS current rating greater than half the
maximum load current.
The input capacitor can be electrolytic, tantalum
or ceramic. When using electrolytic or tantalum
capacitors, place a small, high quality ceramic
capacitor—e.g. 0.1μF—as close to the IC as
possible. When using ceramic capacitors, make
sure that they have enough capacitance to
provide sufficient charge to prevent excessive
voltage ripple at input. The input voltage ripple
caused by capacitance can be estimated by:
LOAD
OUT
OUT
IN
IN
SIN
IV
V
V1
fC1
V
V
⎛⎞
Δ=
×
× −
⎜⎟
×
⎝⎠



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com