Electronic Components Datasheet Search
  English  ▼

X  

MP1497 Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP1497
Description  High-Efficiency, 3A, 16V, 500kHz Synchronous, Step-Down Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1497 Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP1497 Datasheet HTML 6Page - Monolithic Power Systems MP1497 Datasheet HTML 7Page - Monolithic Power Systems MP1497 Datasheet HTML 8Page - Monolithic Power Systems MP1497 Datasheet HTML 9Page - Monolithic Power Systems MP1497 Datasheet HTML 10Page - Monolithic Power Systems MP1497 Datasheet HTML 11Page - Monolithic Power Systems MP1497 Datasheet HTML 12Page - Monolithic Power Systems MP1497 Datasheet HTML 13Page - Monolithic Power Systems MP1497 Datasheet HTML 14Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
MP1497 – SYNCHRONOUS, STEP-DOWN CONVERTER WITH INTERNAL MOSFETS
MP1497 Rev. 1.05
www.MonolithicPower.com
10
12/26/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
under-voltage (UV) threshold—typically 50%
below the reference. Once UVP triggers, the
MP1497 enters hiccup mode to periodically
restart the part. This protection mode is
especially useful when the output is dead-
shorted to ground. The average short-circuit
current falls to alleviate thermal issues and to
protect the regulator. The MP1497 exits hiccup
mode once the over-current condition is
removed.
Thermal Shutdown
Thermal shutdown prevents the chip from
operating at exceedingly high temperatures.
When the silicon die temperature exceeds
150°C, it shuts down the whole chip. When the
temperature drops below its lower threshold
(typically 130°C) the chip is enabled again.
Floating Driver and Bootstrap Charging
An external bootstrap capacitor powers the
floating power MOSFET driver. This floating
driver has its own UVLO protection with a rising
threshold of 2.2V and a hysteresis of 150mV.
The bootstrap capacitor voltage is regulated
internally by VIN through D1, M1, C4, L1 and C2
(Figure 3). If (VIN-VSW) exceed 5V, U1 will
regulate M1 to maintain a 5V BST voltage
across C4. A 10Ω resistor placed between SW
and BST cap. is strongly recommended to
reduce SW spike voltage.
Figure 3: Internal Bootstrap Charging Circuit,
Startup and Shutdown
If both VIN and EN exceed their appropriate
thresholds, the chip starts. The reference block
starts first, generating stable reference voltage
and currents, and then the internal regulator is
enabled. The regulator provides stable supply
for the remaining circuitries.
Three events can shut down the chip: EN low,
VIN low, and thermal shutdown. For the
shutdown procedure, the signaling path is first
blocked to avoid any fault triggering. The
COMP voltage and the internal supply rail are
then pulled down. The floating driver is not
subject to this shutdown command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com