Electronic Components Datasheet Search
  English  ▼

X  

MP1584 Datasheet(PDF) 16 Page - Monolithic Power Systems

Part # MP1584
Description  3A, 1.5MHz, 28V Step-Down Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1584 Datasheet(HTML) 16 Page - Monolithic Power Systems

Back Button MP1584 Datasheet HTML 9Page - Monolithic Power Systems MP1584 Datasheet HTML 10Page - Monolithic Power Systems MP1584 Datasheet HTML 11Page - Monolithic Power Systems MP1584 Datasheet HTML 12Page - Monolithic Power Systems MP1584 Datasheet HTML 13Page - Monolithic Power Systems MP1584 Datasheet HTML 14Page - Monolithic Power Systems MP1584 Datasheet HTML 15Page - Monolithic Power Systems MP1584 Datasheet HTML 16Page - Monolithic Power Systems MP1584 Datasheet HTML 17Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
MP1584 – 3A, 1.5MHz, 28V STEP-DOWN CONVERTER
MP1584 Rev. 1.0
www.MonolithicPower.com
16
8/8/2011
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
PCB LAYOUT GUIDE
PCB layout is very important to achieve stable
operation. It is highly recommended to duplicate
EVB layout for optimum performance.
If change is necessary, please follow these
guidelines and take Figure 5 for reference.
1) Keep the path of switching current short and
minimize the loop area formed by Input cap,
high-side MOSFET and external switching
diode.
2) Bypass ceramic capacitors are suggested to
be put close to the VIN Pin.
3) Ensure all feedback connections are short
and direct. Place the feedback resistors and
compensation components as close to the
chip as possible.
4) Route SW away from sensitive analog areas
such as FB.
5) Connect IN, SW, and especially GND
respectively to a large copper area to cool
the chip to improve thermal performance and
long-term reliability.
C1
C3
R2
R1
L1
C4
C2
D1
VOUT
VIN
VIN
EN
FREQ
GND
BST
SW
FB
COMP
MP1584
EN
R5
R6
R3
R4
MP1584 Typical Application Circuit
Top Layer
Bottom Layer
Figure 5―MP1584 Typical Application Circuit and PCB Layout Guide



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com