Electronic Components Datasheet Search
  English  ▼

X  

MP1584EN Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP1584EN
Description  3A, 1.5MHz, 28V Step-Down Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1584EN Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP1584EN Datasheet HTML 1Page - Monolithic Power Systems MP1584EN Datasheet HTML 2Page - Monolithic Power Systems MP1584EN Datasheet HTML 3Page - Monolithic Power Systems MP1584EN Datasheet HTML 4Page - Monolithic Power Systems MP1584EN Datasheet HTML 5Page - Monolithic Power Systems MP1584EN Datasheet HTML 6Page - Monolithic Power Systems MP1584EN Datasheet HTML 7Page - Monolithic Power Systems MP1584EN Datasheet HTML 8Page - Monolithic Power Systems MP1584EN Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
MP1584 – 3A, 1.5MHz, 28V STEP-DOWN CONVERTER
MP1584 Rev. 1.0
www.MonolithicPower.com
3
8/8/2011
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 12V, VEN = 2.5V, VCOMP = 1.4V, TA= +25C, unless otherwise noted.
Parameter
Symbol Condition
Min
Typ
Max
Units
Feedback Voltage
VFB
4.5V < VIN < 28V
0.776
0.8
0.824
V
Upper Switch On Resistance
RDS(ON)
VBST – VSW = 5V
150
mΩ
Upper Switch Leakage
VEN = 0V, VSW = 0V, VIN = 28V
1
μA
Current Limit
4.0
4.7
A
COMP to Current Sense
Transconductance
GCS
9
A/V
Error Amp Voltage Gain
(5)
200
V/V
Error Amp Transconductance
ICOMP = ±3µA
40
60
80
µA/V
Error Amp Min Source current
VFB = 0.7V
5
µA
Error Amp Min Sink current
VFB = 0.9V
–5
µA
VIN UVLO Threshold
2.7
3.0
3.3
V
VIN UVLO Hysteresis
0.35
V
Soft-Start Time
(5)
0V < VFB < 0.8V
1.5
ms
Oscillator Frequency
RFREQ = 100kΩ
900
kHz
Shutdown Supply Current
VEN = 0V
12
20
µA
Quiescent Supply Current
No load, VFB = 0.9V
100
125
µA
Thermal Shutdown
150
C
Thermal Shutdown Hysteresis
15
C
Minimum Off Time
(5)
100
ns
Minimum On Time
(5)
100
ns
EN Up Threshold
1.35
1.5
1.65
V
EN Hysteresis
300
mV
Note:
5) Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com