Electronic Components Datasheet Search
  English  ▼

X  

MP1906DS Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP1906DS
Description  80V, Half-Bridge, Gate Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1906DS Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MP1906DS Datasheet HTML 3Page - Monolithic Power Systems MP1906DS Datasheet HTML 4Page - Monolithic Power Systems MP1906DS Datasheet HTML 5Page - Monolithic Power Systems MP1906DS Datasheet HTML 6Page - Monolithic Power Systems MP1906DS Datasheet HTML 7Page - Monolithic Power Systems MP1906DS Datasheet HTML 8Page - Monolithic Power Systems MP1906DS Datasheet HTML 9Page - Monolithic Power Systems MP1906DS Datasheet HTML 10Page - Monolithic Power Systems MP1906DS Datasheet HTML 11Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
MP1906—80V, HALF-BRIDGE, GATE DRIVER
MP1906 Rev. 1.0
www.MonolithicPower.com
7
1/3/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1
VCC
Supply Input. Supplies power to all internal circuitry. Requires a decoupling capacitor
to ground placed close to this pin to ensure a stable and clean supply.
2
HPWM
Logic input for high-side gate driver output.
3
LPWM
Logic input for low-side gate driver output. Active low.
4
GND
Ground.
5
BG
Gate Driver Output for
low-side MOSFET.
6
SW
Source Return for
high-side MOSFET.
7
TG
Gate Driver Output for
high-side MOSFET.
8
BT
Bootstrap. Internal power supply pin for high-side floating driver. Add a 1µF ceramic
bootstrap capacitor from BT to SW pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com