Electronic Components Datasheet Search
  English  ▼

X  

MP2005DD Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP2005DD
Description  800mA High PSRR, ULDO Linear Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2005DD Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP2005DD Datasheet HTML 1Page - Monolithic Power Systems MP2005DD Datasheet HTML 2Page - Monolithic Power Systems MP2005DD Datasheet HTML 3Page - Monolithic Power Systems MP2005DD Datasheet HTML 4Page - Monolithic Power Systems MP2005DD Datasheet HTML 5Page - Monolithic Power Systems MP2005DD Datasheet HTML 6Page - Monolithic Power Systems MP2005DD Datasheet HTML 7Page - Monolithic Power Systems MP2005DD Datasheet HTML 8Page - Monolithic Power Systems MP2005DD Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
MP2005 – 800mA, HIGH PSRR,ULDO LINEAR REGULATOR
MP2005 Rev. 0.92
www.MonolithicPower.com
2
5/5/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number*
Package
Top Marking
Free Air Temperature (TA)
MP2005DD
QFN8 (2mm x 3mm)
N3
–40
°C to +85°C
* For Tape & Reel, add suffix –Z (e.g. MP2005DD–Z)
For RoHS compliant packaging, add suffix –LF (e.g. MP2005DD–LF–Z)
PACKAGE REFERENCE
TOP VIEW
IN
BIAS
NC
GND
1
2
3
4
OUT
FB
NC
EN
8
7
6
5
EXPOSED PAD
ON BACKSIDE
CONNECT TO GND
ABSOLUTE MAXIMUM RATINGS (1)
VBIAS, VIN to GND............................–0.3V to +6V
FB, EN to GND ................................–0.3V to 6V
OUT .................................................–0.3V to 6V
Continuous Power Dissipation (TA = +25°C)
(2)
................................................................... 2.3W
Junction Temperature...............................150
°C
Lead Temperature ....................................260
°C
Storage Temperature ............. –65°C to +150
°C
Recommended Operating Conditions
(3)
Input Voltage VIN .............................1.0V to 5.5V
Input Voltage VBIAS ..........................2.7V to 5.5V
Output Voltage................................0.5V to 4.0V
Load Current...........................800mA Maximum
Operating Temperature............. –40
°C to +85°C
Thermal Resistance
(4)
θJA
θJC
QFN8 (2mm x 3mm)............... 55 ...... 12...
°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ(MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD(MAX)=(TJ(MAX)-
TA)/θJA. Exceeding the maximum allowable power dissipation
will cause excessive die temperature, and the regulator will go
into thermal shutdown. Internal thermal shutdown circuitry
protects the device from permanent damage.
3) The device is not guaranteed to function outside of its
operating conditions.
4) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com