Electronic Components Datasheet Search
  English  ▼

X  

6809 Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # 6809
Description  DABiC-IV, 10-BIT SERIAL-INPUT, LATCHED SOURCE DRIVERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

6809 Datasheet(HTML) 1 Page - Allegro MicroSystems

  6809 Datasheet HTML 1Page - Allegro MicroSystems 6809 Datasheet HTML 2Page - Allegro MicroSystems 6809 Datasheet HTML 3Page - Allegro MicroSystems 6809 Datasheet HTML 4Page - Allegro MicroSystems 6809 Datasheet HTML 5Page - Allegro MicroSystems 6809 Datasheet HTML 6Page - Allegro MicroSystems 6809 Datasheet HTML 7Page - Allegro MicroSystems 6809 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DABiC-IV, 10-BIT SERIAL-INPUT,
LATCHED SOURCE DRIVERS
A6810xA
ABSOLUTE MAXIMUM RATINGS
at TA = 25
°C
Logic Supply Voltage, VDD ................... 7.0 V
Driver Supply Voltage, VBB ................... 60 V
Continuous Output Current Range,
IOUT ......................... -40 mA to +15 mA
Input Voltage Range,
VIN ....................... -0.3 V to VDD + 0.3 V
Package Power Dissipation,
PD ........................................ See Graph
Operating Temperature Range, TA
(Suffix ‘E–’) .................. -40
°C to +85°C
(Suffix ‘S–’) .................. -20
°C to +85°C
Storage Temperature Range,
TS ............................... -55
°C to +125°C
Caution: These CMOS devices have input
static protection (Class 2) but are still
susceptible to damage if exposed to
extremely high static electrical charges.
The A6809– and A6810– devices combine 10-bit CMOS shift
registers, accompanying data latches and control circuitry with bipolar
sourcing outputs and pnp active pull downs. Designed primarily to
drive vacuum-fluorescent displays, the 60 V and -40 mA output ratings
also allow these devices to be used in many other peripheral power
driver applications. The A6809– and A6810– feature an increased data
input rate (compared with the older UCN/UCQ5810-F) and a con-
trolled output slew rate. The A6809xLW and A6810xLW are identical
except for pinout.
The CMOS shift register and latches allow direct interfacing with
microprocessor-based systems. With a 3.3 V or 5 V logic supply,
typical serial-data input rates are up to 33 MHz.
A CMOS serial data output permits cascade connections in applica-
tions requiring additional drive lines. Similar devices are avail-able as
the A6811– (12 bits), A6812– (20 bits), and A6818– (32 bits).
The A6809– and A6810– output source drivers are npn Darling-
tons, capable of sourcing up to 40 mA. The controlled output slew rate
reduces electromagnetic noise, which is an important consideration in
systems that include telecommunications and/or microprocessors and
to meet government emissions regulations. For inter-digit blanking, all
output drivers can be disabled and all sink drivers turned on with a
BLANKING input high. The pnp active pull-downs will sink at least
2.5 mA.
All devices are available in two temperature ranges for optimum
performance in commercial (suffix S-) or industrial (suffix E-) applica-
tions. The A6810– is provided in three package styles for through-hole
DIP (suffix -A), surface-mount SOIC (suffix -LW), or minimum-area
surface-mount PLCC (suffix -EP). The A6809– is provided in the
SOIC (suffix -LW) only. Copper lead frames, low logic-power dissi-
pation, and low output-saturation voltages allow all devices to source
25 mA from all outputs continuously over the maximum operating
temperature range.
FEATURES
I Controlled Output Slew Rate
I High-Speed Data Storage
I 60 V Minimum
Output Breakdown
I High Data Input Rate
I PNP Active Pull-Downs
Complete part number includes a suffix to identify operating
temperature range (E- or S-) and package type (-A, -EP, or -LW).
Always order by complete part number, e.g., A6810SLW .
6809 AND
6810
I Low Output-Saturation Voltages
I Low-Power CMOS Logic
and Latches
I Improved Replacements
for TL4810–, UCN5810–,
and UCQ5810–
2
3
4
5
6
7
8
910
11
12
13
14
15
16
17
18
SERIAL
DATA OUT
LOAD
SUPPLY
SERIAL
DATA IN
BLANKING
LOGIC
SUPPLY
STROBE
GROUND
CLOCK
CLK
V
ST
BLNK
DD
BB
V
OUT 9
OUT 10
OUT1
OUT 2
OUT 3
Dwg. PP-029
OUT8
OUT7
OUT6
OUT 5
OUT4
1
LATCHES
REGISTER
REGISTER
LATCHES


Similar Part No. - 6809

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
6809 FESTO-6809 Datasheet
95Kb / 1P
Stem actuated valve
4/8/22
More results

Similar Description - 6809

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
6811 ALLEGRO-6811 Datasheet
156Kb / 8P
DABiC-IV, 12-BIT SERIAL-INPUT, LATCHED SOURCE DRIVER
May 15, 2000
6812 ALLEGRO-6812 Datasheet
178Kb / 10P
DABiC-IV, 20-BIT SERIAL-INPUT, LATCHED SOURCE DRIVER
6818 ALLEGRO-6818 Datasheet
142Kb / 7P
DABiC-IV, 32-BIT SERIAL-INPUT, LATCHED SOURCE DRIVER
A6810 ALLEGRO-A6810 Datasheet
115Kb / 8P
DABiC-IV, 10-BIT SERIAL-INPUT, LATCHED SOURCE DRIVER
A6821 ALLEGRO-A6821 Datasheet
220Kb / 9P
DABiC-5 8-Bit Serial Input Latched Sink Drivers
A6832 ALLEGRO-A6832 Datasheet
170Kb / 7P
DABiC-5 32-Bit Serial Input Latched Sink Drivers
A6833 ALLEGRO-A6833 Datasheet
174Kb / 7P
DABiC-5 32-Bit Serial Input Latched Sink Drivers
6818 ALLEGRO-6818 Datasheet
124Kb / 7P
DABiC-IV, 32-BIT SERIAL-INPUT, LATCHED SOURCE DRIVER
A6812EEP-T ALLEGRO-A6812EEP-T Datasheet
334Kb / 9P
DABiC-IV 20-Bit Serial-Input Latched Source Driver
6812 ALLEGRO-6812_03 Datasheet
139Kb / 9P
DABiC-IV, 20-BIT SERIAL-INPUT LATCHED SOURCE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com