Electronic Components Datasheet Search
  English  ▼

X  

MP2030 Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MP2030
Description  3A Dual Supply Very Low Dropout Linear Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2030 Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button MP2030 Datasheet HTML 4Page - Monolithic Power Systems MP2030 Datasheet HTML 5Page - Monolithic Power Systems MP2030 Datasheet HTML 6Page - Monolithic Power Systems MP2030 Datasheet HTML 7Page - Monolithic Power Systems MP2030 Datasheet HTML 8Page - Monolithic Power Systems MP2030 Datasheet HTML 9Page - Monolithic Power Systems MP2030 Datasheet HTML 10Page - Monolithic Power Systems MP2030 Datasheet HTML 11Page - Monolithic Power Systems MP2030 Datasheet HTML 12Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
MP2030 – 3A VERY LOW DROPOUT LINEAR REGULATOR
MP2030 Rev. 0.91
www.MonolithicPower.com
9
10/10/2011
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
OPERATION
MP2030 Theory of Operation
The MP2030 linear dropout regulator provides
adjustable output voltages from 0.9V to 3.6V at
currents up to 3A. This LDO is protected against
short circuits, and it has thermal shut down
protection with 15oC hystheresis.
Utilizing Two Power Supplies
In order to maximize the efficiency MP2030 uses
two power supplies. One power supply is
connected to the BIAS pin and it is used to power
up the internal circuitries including band gap
reference and the rest of control circuitries. The
other power supply is connected to the VIN pins
which are the drain of pass device. This power
supply can be set close to output voltage of LDO.
The output pins are the source of the pass device.
The smaller voltage drop across the pass device
translates to the smaller power loss in pass
device. Thus, the part operates with higher
efficiency.
Internal Current Limit
The MP2030 has an internal current limit set at
almost 4.5A. When the output current is greater
than 4.5A, current limit is activated, the output
voltage is internally forced close to ground, and
stays at this voltage until the short circuit is
removed. Internal current limit is very well
controlled over process variations and ambient
temperature.
Enable
The enable (EN) pin is active high. The enable
pin has a built-in hystheresis. If this pin is held
below 0.8V then part shuts down and draws less
than 1uA from VBIAS supply.
If not used then connect this pin to VBIAS.
Under Voltage Lockout
The Bias voltage is monitored by a circuit that
prevents the LDO start up when the bias voltage
is below 2.35V. This circuitry has an approximate
hystheresis of 90mV.
Soft Start
MP2030 incorporates internal soft start function.
This internal function reduces the start up current
surge into the output capacitor. This allows the
gradual built up of output voltage to its final set
value. The internal soft start cap is held to ground
if there is a fault condition. The fault conditions
are UVLO, Thermal shut down, and disable. The
internal soft start time is almost 550us.
Power Good
The Power Good pin is an open drain output and
can be connected to Bias voltage via a pull up
resistor. Open drain transistor turns off and PG
pin voltage value becomes VBIAS when VFB
exceeds 450mV. Also PG pin can sink at least
230μA while being low.
Setting the Output Voltage
The MP2030 has an adjustable output voltage,
set by using a resistive voltage divider from the
output voltage to FB pin. The voltage divider
divides the output voltage down to the feedback
voltage by the ratio:
VFB = VOUT*R2/ (R1+R2)
Where VFB is the feedback threshold voltage
(VFB=0.5V), and VOUT is the output voltage. R1
connects between VOUT and VFB, and R2 connects
between VFB and ground.
Thus the output voltage is:
VOUT = 0.5*(R1+R2)/R2
R2 can be as high as 100KΩ, but a typical value
is 10K
Ω. Using that value, R1 is determined by:
R1=R2 x (VOUT-VFB)/VFB
For example, for a 1.8V output voltage, R2 is
10K
Ω, and R1 is 26kΩ. You can select 26kΩ (1%)
resistor for R1.
Power Dissipation
Most of the power dissipation is due to power
dissipation in PASS device. For example,
assume VBIAS=5.0V, VIN=2.0V, VOUT=1.8V, and
IOUT=3A:
PD (PASS) = (VIN-VOUT) x IOUT
PD (PASS) = (2.0V-1.8V) x 3A=0.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com