Electronic Components Datasheet Search
  English  ▼

X  

V704 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # V704
Description  One-Piece Surface Steel Raceway
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

V704 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  V704 Datasheet HTML 1Page - List of Unclassifed Manufacturers V704 Datasheet HTML 2Page - List of Unclassifed Manufacturers V704 Datasheet HTML 3Page - List of Unclassifed Manufacturers V704 Datasheet HTML 4Page - List of Unclassifed Manufacturers V704 Datasheet HTML 5Page - List of Unclassifed Manufacturers V704 Datasheet HTML 6Page - List of Unclassifed Manufacturers V704 Datasheet HTML 7Page - List of Unclassifed Manufacturers V704 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Catalog No./Item
Description/Specifications
V506
Connection Cover – To cover
V706
openings where lengths of V500
706 WH
or 700 Series, not squarely cut,
come together.
V511
90° Flat Elbow – For right angle
V711
turns on same surface.
711WH
V512
45° Flat Elbow – For diagonal 45°
V712
turns on same surface.
V517
Internal Elbow – For inside
V717
surfaces at right angles.
717WH
Catalog No./Item
Description/Specifications
V500
Raceway – .040" [1.0mm] steel.
Comes in 10 ft. [3.05mm] lengths,
one 5701 Coupling furnished
with each length. Five ft. [1.525m]
lengths available, order V500-5.
V700
Raceway –.040" [1.0mm] steel.
700 WH
Comes in 10 ft. [3.05mm] lengths,
one 5701 Coupling furnished with
each length. Five ft. [1.525m]
lengths available, order V700-5.
502
Bushing – Protects wires from
702
abrasion. Bushing slips into open
end of raceway where it enters
a fitting.
V504
Mounting Strap (1- or 2-Hole) –
V704
Convert to one-hole by breaking off
704WH
at score. Lanced tab holds strap in
place while fastening to surface.
V500, V700, & 700WH Raceway & Fittings
1 1/4"
[32mm]
3/4"
[19.1mm]
A
B
3/4"
[19.1mm]
2"
[51mm]
CAT. #
A
B
V504
1 7/8" [47mm] 1/2" [12.7mm]
V704
1 7/8" [47mm] 5/8" [15.4mm]
2 3/4"
[70mm]
NOTE: Use #6 flat head screws with all fittings requiring screws except V504/V704, and V57200 Series; with V504/V704 use #8 pan head screws;
with V57200 Series use #8 flat head screws.
3/4"
[19.1mm]
17/32"
[13.5mm]
3/4"
[19.1mm]
21/32"
[16.7mm]
A — 5781A
3/4" [19.1mm] Box Connector
B — V5786
Adjustable Offset Connector
C — V57240
Single Pole Switch and Box
D — V57243G Duplex Receptacle and Box
E
— V711
Flat Elbow
F
— V5785
Combination Connector
G — V5738
Fixture Box Solid Base
H — V5715
Tee Fitting
I
— V5703
Supporting Clip
J
— 5747-2
Shallow Device Box
K — V706
Cover Clip
L
— V704
Mounting Strap
M— V57242
Utility Box
N— V717
Internal Elbow
O— V5734A
Utility Box
P — V5739
Fixture Box Solid Base
Q— V5719
Corner Box
R — R5752
Alarm Device Box
S — V718
External Elbow
T
— R5753
Extra Deep Alarm Device Box
U — V5747S
Shallow Device Box
V
— V5744
Extra Deep Device Box
W — V5748-2 Device Box
X
— V5748-3 Device Box
Y — 5782
1/2" [12.7mm] Conduit Connector
Z
— V2089E
Reducing Fitting
AA —
Plugmold Multioutlet System
E
F
G
H
I
I
E
Q
Firehorn
Box
T
Y
X
S
W
V
U
L
O
P
M
L
K
J
Z
Panel
Box
AA
D
C
B
A
4 11/16"
[119mm]
Utility Box
V500 & 700 Series System Product Applications



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com