Electronic Components Datasheet Search
  English  ▼

X  

6817 Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # 6817
Description  ADDRESSABLE 28-LINE DECODER/DRIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

6817 Datasheet(HTML) 3 Page - Allegro MicroSystems

  6817 Datasheet HTML 1Page - Allegro MicroSystems 6817 Datasheet HTML 2Page - Allegro MicroSystems 6817 Datasheet HTML 3Page - Allegro MicroSystems 6817 Datasheet HTML 4Page - Allegro MicroSystems 6817 Datasheet HTML 5Page - Allegro MicroSystems 6817 Datasheet HTML 6Page - Allegro MicroSystems 6817 Datasheet HTML 7Page - Allegro MicroSystems 6817 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
6817
ADDRESSABLE
28-LINE
DECODER/DRIVER
ELECTRICAL CHARACTERISTICS at T
A
= +25
°C, V
DD
= 5.0 V.
Limits
Characteristic
Symbol
Test Conditions
Min
Typ
Max
Units
Output Drivers
Output Leakage Current
I
CEX
V
CE = 30 V
—
<1.0
100
µA
Output Saturation Voltage
V
CE(SAT)
I
OUT = 450 mA
0.80
1.10
1.40
V
I
OUT = 400 mA
0.75
1.05
1.35
V
Output Breakdown Voltage
V
(BR)CEX
R
L = 56 Ω
30
—
—
V
Unclamped Inductive
—
V
CC = 30 V, L = 3 µH, RL = 56 Ω,
See Note
—
Load Current
I
L = 500 mA, Test Fig.
Turn-On Time
t
PHL
V
CC = 21 V, RL = 39 Ω
25
100
425
ns
Fall Time
t
f
V
CC = 21 V, RL = 39 Ω
—20
—
ns
Turn-Off Time
t
PLH
V
CC = 21 V, RL = 39 Ω
50
125
350
ns
Rise Time
t
r
V
CC = 21 V, RL = 39 Ω
—50
—
ns
Control Logic
Logic Input Voltage
V
IN(1)
3.5
—
—
V
V
IN(0)
—
—
0.8
V
Logic Input Current
I
IN(1)
V
IN = 5.0 V
—
<1.0
100
µA
I
IN(0)
V
IN = 0 V
—
<-1.0
-100
µA
Input Resistance
R
IN
50
—
—
k
Ω
Supply Current
I
DD(ON)
Two Outputs ON
—
6.0
10.0
mA
I
DD(OFF)
All Drivers OFF, All Inputs = 0 V,
—
—
600
µA
OE
A = OEB = VDD
Note: Device will turn off and meet all specifications after test.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com