Electronic Components Datasheet Search
  English  ▼

X  

V511 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # V511
Description  One-Piece Surface Steel Raceway
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

V511 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  V511 Datasheet HTML 1Page - List of Unclassifed Manufacturers V511 Datasheet HTML 2Page - List of Unclassifed Manufacturers V511 Datasheet HTML 3Page - List of Unclassifed Manufacturers V511 Datasheet HTML 4Page - List of Unclassifed Manufacturers V511 Datasheet HTML 5Page - List of Unclassifed Manufacturers V511 Datasheet HTML 6Page - List of Unclassifed Manufacturers V511 Datasheet HTML 7Page - List of Unclassifed Manufacturers V511 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Catalog No./Item
Description/Specifications
V57240m
15A, 125V Single Pole Switch
and Box – Accommodates other
standard single-gang switches in
place of furnished standard single
pole switch. Cover has twistouts
for V500 or V700 on each end.
Twistout on ends permits running
raceway close to interior trim.
Base has 1/2" trade size KOs.
V57242
Utility Box – For use as tee, cross,
pull box, junction box, blank box,
etc. Cover has 1/2" trade size
KO and twistouts for V500 and
V700 on each end and side. End
twistouts permit running raceway
close to interior trim. Base has
1/2" trade size KOs.
Catalog No./Item
Description/Specifications
V57243Gm
15A, 125V Duplex Grounding
Receptacle (Nema 5-15R) and
Box – Accommodates other
standard 15A (NEMA 5-15R) or
20A (NEMA 5-20R) duplex devices
in place of furnished duplex
grounding receptacle. Cover has
twistouts for V500 and V700 on
each end and side. End twistouts
permit running raceway close
to interior trim. Base has
1/2" trade size KOs.
V5741 m
Device Box – For shallow type
5741 WH m
switches (three-way, single, and
double pole) and receptacles,
(three-wire locking receptacles and
single-gang combination devices).
Base has 1/2" trade size KO.
End twistout permits running
raceway close to interior trim.
4
Catalog No./Item
Description/Specifications
V5786
Adjustable Offset Connector –
V5786 WH
Eliminates offsetting raceway when
connecting to surface type panel
boxes. The adjustment from
surface to center of bushings is
5/8" [15.9mm] minimum to 1 3/8"
[35mm] maximum. Break out
crescent twistout in cover to use
with 700 Series. 1/2" [12.7mm]
chase nipple and locknut furnished.
5790B
Armored Cable Connector
(Galvanized) – For connecting
14/2, 14/3, 12/2, and 12/3 armored
cable to Wiremold fittings. Use a
short piece of V500/V700 raceway
(1 5/8" [41mm] min.) between this
connector and fitting. Not for
connection to 1/2" [12.7mm]
Flex Conduit.
5791
5700 Series Box EMT Connector –
Joins 1/2" [12.7mm] EMT
directly into any V5700 Series
Wiremold box.
Catalog No./Item
Description/Specifications
V2475D
2400 Series Raceway Bridge
Fitting – For allowing 2400
Series Raceway to bridge over
existing installations of
V500/V700 Series Raceway
V4075DA
4000 Series Raceway Bridge
Fitting – For allowing 4000
Series Raceway to bridge over
existing installations of
V500/V700 Series Raceway.
1 3/8"
[35mm]
2 3/8"
[61mm]
2 1/4"
[57mm]
7/8"
[22.2mm]
1"
[25mm]
2"
[51mm]
1 3/4"
[45mm]
V500, V700, & 700WH Raceway & Fittings (continued)
8 1/8"
[206mm]
4 3/4"
[121mm]
3 9/16"
[90mm]
NOTE: Use #6 flat head screws with all fittings requiring screws except
V504/V704, and V57200 Series; with V504/V704 use #8 pan
head screws; with V57200 Series use #8 flat head screws.
V500, V700, & 700WH Device Boxes
2"
[51mm]
1 3/8"
[35mm]
4 1/8"
[105mm]
2"
[51mm]
2"
[51mm]
1 3/8"
[35mm]
4 1/8
[105mm]
1 3/8"
[35mm]
4 1/8"
[105mm]
4 5/8"
[118mm]
1 3/8"
[35mm]
2 13/16"
[72mm]
NOTES: Covers on this page have double twistouts. Break out lower twistout for use with V500, and both twistouts for use with V700.
* V5744-2 and V5744S-2 Base and V5747-2 and V5748-2 Base have 1/2" and 1" concentric trade size KOs and a 1 13/16" x 2
7/8" [47mm x 73mm] rectangular KO to permit mounting on a one-gang in-wall outlet box.
m Replace V with VC or WH with WHC to denote Canadian version — Agency approved for sale in Canada.c
†
Larger gangs available, consult factory.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com