Electronic Components Datasheet Search
  English  ▼

X  

6818 Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # 6818
Description  DABiC-IV, 32-BIT SERIAL-INPUT, LATCHED SOURCE DRIVER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

6818 Datasheet(HTML) 4 Page - Allegro MicroSystems

  6818 Datasheet HTML 1Page - Allegro MicroSystems 6818 Datasheet HTML 2Page - Allegro MicroSystems 6818 Datasheet HTML 3Page - Allegro MicroSystems 6818 Datasheet HTML 4Page - Allegro MicroSystems 6818 Datasheet HTML 5Page - Allegro MicroSystems 6818 Datasheet HTML 6Page - Allegro MicroSystems 6818 Datasheet HTML 7Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
6818
32-BIT SERIAL-INPUT,
LATCHED SOURCE DRIVER
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
ELECTRICAL CHARACTERISTICS at TA = +25°C (A6818S-) or over operating temperature
range (A6818E- and A6818K-), VBB = 60 V unless otherwise noted.
Limits @ VDD = 3.3 V Limits @ VDD = 5 V
Characteristic
Symbol
Test Conditions
Mln.
Typ.
Max.
Min.
Typ.
Max.
Units
Output Leakage Current
ICEX
VOUT = 0 V
—
<-0.1
-15
—
<-0.1
-15
µA
Output Voltage
VOUT(1)
IOUT = -25 mA
57.5
58.3
—
57.5
58.3
—
V
VOUT(0)
IOUT = 1 mA
—
1.0
1.5
—
1.0
1.5
V
Output Pull-Down Current
IOUT(0)
VOUT = 5 V to VBB
2.5
5.0
—
2.5
5.0
—
mA
Input Voltage
VIN(1)
2.2
—
—
3.3
—
—
V
VIN(0)
—
—
1.1
—
—
1.7
V
Input Current
IIN(1)
VIN = VDD
—
<0.01
1.0
—
<0.01
1.0
µA
IIN(0)
VIN = 0.8 V
—
<-0.01
-1.0
—
<-0.01
-1.0
µA
Input Clamp Voltage
VIK
IIN = -200 µA
—
-0.8
-1.5
—
-0.8
-1.5
V
Serial Data Output Voltage
VOUT(1)
IOUT = -200 µA
2.8
3.05
—
4.5
4.75
—
V
VOUT(0)
IOUT = 200 µA
—
0.15
0.3
—
0.15
0.3
V
Maximum Clock Frequency
fc
10
33
—
10
33
—
MHz
Logic Supply Current
IDD(1)
All Outputs High
—
0.25
0.75
—
0.3
1.0
mA
IDD(0)
All Outputs Low
—
0.25
0.75
—
0.3
1.0
mA
Load Supply Current
IBB(1)
All Outputs High, No Load
—
4.5
9.0
—
4.5
9.0
mA
IBB(0)
All Outputs Low
—
0.2
20
—
0.2
20
µA
Blanking-to-Output Delay
tdis(BQ)
CL = 30 pF, 50% to 50%
—
0.7
2.0
—
0.7
2.0
µs
ten(BQ)
CL = 30 pF, 50% to 50%
—
1.8
3.0
—
1.8
3.0
µs
Strobe-to-Output Delay
tp(STH-QL)
RL = 2.3 kΩ, CL ≤ 30 pF
—
0.7
2.0
—
0.7
2.0
µs
tp(STH-QH)
RL = 2.3 kΩ, CL ≤ 30 pF
—
1.8
3.0
—
1.8
3.0
µs
Output Fall Time
tf
RL = 2.3 kΩ, CL ≤ 30 pF
2.4
—
12
2.4
—
12
µs
Output Rise Time
tr
RL = 2.3 kΩ, CL ≤ 30 pF
2.4
—
12
2.4
—
12
µs
Output Slew Rate
dV/dt
RL = 2.3 kΩ, CL ≤ 30 pF
4.0
—
20
4.0
—
20
V/
µs
Clock-to-Serial Data Out Delay tp(CH-SQX)
IOUT = ±200 µA
—
50
—
—
50
—
ns
Negative current is defined as coming out of (sourcing) the specified device terminal.
Typical data is is for design information only and is at TA = +25°C.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com