Electronic Components Datasheet Search
  English  ▼

X  

ADN8831ACPZ-R2 Datasheet(PDF) 15 Page - Analog Devices

Part # ADN8831ACPZ-R2
Description  Thermoelectric Cooler (TEC) Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN8831ACPZ-R2 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADN8831ACPZ-R2 Datasheet HTML 11Page - Analog Devices ADN8831ACPZ-R2 Datasheet HTML 12Page - Analog Devices ADN8831ACPZ-R2 Datasheet HTML 13Page - Analog Devices ADN8831ACPZ-R2 Datasheet HTML 14Page - Analog Devices ADN8831ACPZ-R2 Datasheet HTML 15Page - Analog Devices ADN8831ACPZ-R2 Datasheet HTML 16Page - Analog Devices ADN8831ACPZ-R2 Datasheet HTML 17Page - Analog Devices ADN8831ACPZ-R2 Datasheet HTML 18Page - Analog Devices ADN8831ACPZ-R2 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
Data Sheet
ADN8831
Rev. A | Page 15 of 20
APPLICATIONS INFORMATION
Chop1
Chop2
IN1P
IN2P
IN2N
IN1N
OUT1
OUT2
17.68kΩ
7.68kΩ RX
RFB
RTH
(10kΩ @ 25°C)
VREF
VREF/2
R
7
4
3
2
VTEMPSET
5
6
VOUT1
VOUT2
Z1
Z2
TEC
LPF
SFB
SPGATE
SNGATE
LPGATE
LNGATE
LFB
PWM
LINEAR
THERMISTOR INPUT
AMPLIFIER
AV = RFB/(RTH + RX) – RFB/R
PID COMPENSATOR
AMPLIFIER
AV = Z2/Z1
MOSFET DRIVER
AV = 5
CONTROL
Figure 17. Signal Flow Block Diagram
SIGNAL FLOW
The ADN8831 integrates two auto-zero amplifiers defined
as the Chop1 amplifier and the Chop2 amplifier. Both of the
amplifiers can be used as standalone amplifiers, therefore, the
implementation of temperature control can vary. Figure 17
shows the signal flow through the ADN8831, and a typical
implementation of the temperature control loop using the Chop1
amplifier and the Chop2 amplifier.
In Figure 17, the Chop1 amplifier and the Chop2 amplifier are
configured as the thermistor input amplifier and the PID
compensation amplifier, respectively. The thermistor input
amplifier gains the thermistor voltage then outputs to the PID
compensation amplifier. The PID compensation amplifier then
compensates a loop response over the frequency domain.
The output from the compensation loop at OUT2 is fed to the
linear MOSFET gate driver. The voltage at LFB is fed with OUT2
into the PWM MOSFET gate driver. Including the external
transistors, the gain of the differential output section is fixed at 5.
For details on the output drivers, see the MOSFET Driver
Amplifier section.
THERMISTOR SETUP
The thermistor has a nonlinear relationship to temperature; near
optimal linearity over a specified temperature range can be
achieved with the proper value of RX placed in series with the
thermistor. First, the resistance of the thermistor must be
known, where
HIGH
TH
HIGH
MID
TH
MID
LOW
TH
LOW
T
R
R
T
R
R
T
R
R
@
@
@
=
=
=
TLOW and THIGH are the endpoints of the temperature range and
TMID is the average. In some cases, with only B constant available ,
RTH is calculated using the following equation:




−
=
R
R
TH
T
T
B
R
R
1
1
exp
where:
RTH is a resistance at T[K].
RR is a resistance at TR[K].
RX is calculated using the following equation:


−
+
−
+
=
MID
HIGH
LOW
HIGH
LOW
HIGH
MID
MID
LOW
X
R
R
R
R
R
R
R
R
R
R
2
2
THERMISTOR AMPLIFIER (Chop1)
The Chop1 amplifier can be used as a thermistor input amplifier.
In Figure 17, the output voltage is a function of the thermistor
temperature. The voltage at OUT1 is expressed as
2
1
REF
FB
X
TH
FB
OUT1
V
R
R
R
R
R
V
×


+
−
+
=
where:
RTH is a thermistor.
RX is a compensation resistor.
R is calculated using the following equation:
C
TH
X
R
R
R
°
+
=
25
@
VOUT1 is centered around VREF/2 at 25°C. With the typical
values shown in Figure 17, an average temperature-to-voltage
coefficient is −25 mV/°C at a range of +5°C to +45°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com