Electronic Components Datasheet Search
  English  ▼

X  

W199DX-2 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # W199DX-2
Description  Advantages of the W199 Power Relay
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

W199DX-2 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button W199DX-2 Datasheet HTML 3Page - List of Unclassifed Manufacturers W199DX-2 Datasheet HTML 4Page - List of Unclassifed Manufacturers W199DX-2 Datasheet HTML 5Page - List of Unclassifed Manufacturers W199DX-2 Datasheet HTML 6Page - List of Unclassifed Manufacturers W199DX-2 Datasheet HTML 7Page - List of Unclassifed Manufacturers W199DX-2 Datasheet HTML 8Page - List of Unclassifed Manufacturers W199DX-2 Datasheet HTML 9Page - List of Unclassifed Manufacturers W199DX-2 Datasheet HTML 10Page - List of Unclassifed Manufacturers W199DX-2 Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
*More configurations available.
DPDT w/Blowout Magnet
and Auxiliary Switch
1.87
(47.5)
2.5 MAX
(63.5)
3.12 MAX
(79.2)
1.62
(41.14)
0.375
(9.5)
2.53
(64.26)
DPDT w/ AUX SWITCH & MAGNETIC
BLOWOUT
W199ABMX-7***
A
B
C
AUXILIARY
SWITCH
D
DOUBLE
MAKE
E
F
DOUBLE
BREAK
G
H
I
J
AUXILIARY
SWITCH
AUXILIARY
SWITCH
1.62
(41.14)
2.31 MAX
(58.67)
0.375
(9.5)
1.87
(47.5)
2.5 MAX
(63.5)
2.43 MAX
(61.7)
DPST-NO
W199MX-27
DPST-NO w/Auxiliary Switch
A
B
C
AUXILIARY
SWITCH
D
DOUBLE
MAKE
E
F
DOUBLE
BREAK
G
H
I
J
AUXILIARY
SWITCH
AUXILIARY
SWITCH
6/10
Magnecraft Solution Guide 105A
Magnecraft Solution Guide 105A
W199 Open Style Power Relay/
Single and Two Pole 40 and 50 Amp Rating (DC and AC) continued



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com