Electronic Components Datasheet Search
  English  ▼

X  

DS3695AM Datasheet(PDF) 3 Page - Texas Instruments

Part # DS3695AM
Description  DS3695A/DS3695AT/DS3696A Multipoint RS485/RS422 Transceivers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DS3695AM Datasheet(HTML) 3 Page - Texas Instruments

  DS3695AM Datasheet HTML 1Page - Texas Instruments DS3695AM Datasheet HTML 2Page - Texas Instruments DS3695AM Datasheet HTML 3Page - Texas Instruments DS3695AM Datasheet HTML 4Page - Texas Instruments DS3695AM Datasheet HTML 5Page - Texas Instruments DS3695AM Datasheet HTML 6Page - Texas Instruments DS3695AM Datasheet HTML 7Page - Texas Instruments DS3695AM Datasheet HTML 8Page - Texas Instruments DS3695AM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
DS3695A, DS3695AT, DS3696A
www.ti.com
SNLS353C – FEBRUARY 1996 – REVISED APRIL 2013
Electrical Characteristics
(1) (2) (continued)
0°C
≤ TA ≤ 70°C, 4.75V < VCC < 5.25V unless otherwise specified
Parameter
Test Conditions
Min
Typ
Max
Units
IIN
Input Current
RI, RI, DO/RI,
VCC = 0V or 5.25V,
VIN = 12V
+1.0
mA
DO/RI
DE or RE /DE = 0V
VIN = −7V
−0.8
mA
VTH
Differential Input Threshold Voltage for Receiver
−7V ≤ VCM ≤ +12V
−0.2
+0.2
V
ΔVTH
Receiver Input Hysteresis
VCM = 0V
70
mV
VOH
Receiver Output High Voltage
IOH = −400 μA
2.4
V
VOL
Output Low Voltage
RO
IOL = 16 mA
(3)
0.5
V
TS
IOL = 8 mA
0.45
V
IOZR
Output Current at Receiver OFF-State (High
0.4V
≤ VO ≤ 2.4V, VCC = Max,
±20
μA
Impedance)
RIN
Receiver Input Resistance
−7V ≤ VCM ≤ +12V
12
k
Ω
ICC
Supply Current
Driver Outputs
42
60
mA
Enabled
No Load(3)
Driver Outputs
27
40
mA
Disabled
IOSD
VO = −7V
(3)
−250
mA
Output Current Driver Short-Circuit
VO = +12V
(3)
+250
mA
IOSR
Output Current Receiver Short-Circuit
VO = 0V
−15
−85
mA
Receiver Switching Characteristics
0°C
≤ TA ≤ 70°C, 4.75V < VCC < 5.25V unless otherwise specified
(4)
Symbol
Test Conditions
Min
Typ
Max
Units
tPLH
CL = 15 pF
15
28
42
ns
tPHL
S1 and S2
15
28
42
ns
|tPLH–tPHL|
Closed
0
3
ns
tPLZ
CL = 15 pF, S2 Open
5
29
35
ns
tPHZ
CL = 15 pF, S1 Open
5
12
16
ns
tPZL
CL = 15 pF, S2 Open
7
15
28
ns
tPZH
CL = 15 pF, S1 Open
7
15
20
ns
(4)
All typicals are given for VCC = 5V and TA = 25°C.
Driver Switching Characteristics
0°C
≤ TA ≤ 70°C, 4.75V < VCC < 5.25V unless otherwise specified
(1)
Symbol
Test Conditions
Min
Typ
Max
Units
SINGLE ENDED CHARACTERISTICS (Figure 7, Figure 8, and Figure 10)
tPLH
RLDIFF = 60Ω
9
15
22
ns
tPHL
CL1 = CL2 = 100 pF
9
15
22
ns
tSKEW|tPLH–tPHL|
0
2
8
ns
tPLZ
CL = 15 pF, S2 Open
7
15
30
ns
tPHZ
CL = 15 pF, S1 Open
7
15
30
ns
tPZL
CL = 100 pF, S2 Open
30
35
50
ns
tPZH
CL = 100 pF, S1 Open
30
35
50
ns
DIFFERENTIAL SWITCHING CHARACTERISTICS (Figure 10)
tr, tf
RLDIFF = 60Ω
6
10
18
ns
CL1 = CL2 = 100 pF
(1)
All typicals are given for VCC = 5V and TA = 25°C.
Copyright © 1996–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: DS3695A DS3695AT DS3696A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com