Electronic Components Datasheet Search
  English  ▼

X  

INA226 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # INA226
Description  High-or Low-Side Measurement, Bi-Directional CURRENT/POWER MONITOR with I2C Interface
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA226 Datasheet(HTML) 13 Page - Texas Instruments

Back Button INA226 Datasheet HTML 9Page - Texas Instruments INA226 Datasheet HTML 10Page - Texas Instruments INA226 Datasheet HTML 11Page - Texas Instruments INA226 Datasheet HTML 12Page - Texas Instruments INA226 Datasheet HTML 13Page - Texas Instruments INA226 Datasheet HTML 14Page - Texas Instruments INA226 Datasheet HTML 15Page - Texas Instruments INA226 Datasheet HTML 16Page - Texas Instruments INA226 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
INA226
www.ti.com
SBOS547
– JUNE 2011
ALERT PIN
The INA226 has a single Alert Limit register, 07h, that allows the Alert pin to be programmed to respond to a
single user-defined event or to a conversion ready notification if desired. The Mask/Enable Register allows the
user to select from one of the five available functions to monitor and/or set the conversion ready bit to control the
response of the Alert pin. Based on the function being monitored, the user would then enter a value into the Alert
Limit Register to set the corresponding threshold value that asserts the Alert pin.
The Alert pin allows for one of several available alert functions to be monitored to determine if a user-defined
threshold has been exceeded. The five alert functions that can be monitored are:
•
Shunt Voltage Over Limit (SOL)
•
Shunt Voltage Under Limit (SUL)
•
Bus Voltage Over Limit (BOL)
•
Bus Voltage Under Limit (BUL)
•
Power Over Limit (POL)
The Alert pin is an open-drain output. This pin is asserted when the alert function selected in the Mask/Enable
register exceeds the value programmed into the Alert Limit register. Only one of these alert functions can be
enabled and monitored at a time. If multiple alert functions are enabled, the selected function in the highest
significant bit position takes priority and responds to the Alert Limit register value. For example, if the Shunt
Voltage Over Limit and the Shunt Voltage Under Limit are both selected, the Alert pin asserts when the Shunt
Voltage Over Limit Register exceeds the value in the Alert Limit register.
The Conversion Ready state of the device can also be monitored at the Alert pin to inform the user when the
device has completed the previous conversion and is ready to begin a new conversion. Conversion Ready can
be monitored at the Alert pin along with one of the alert functions. If an alert function and the Conversion Ready
are both enabled to be monitored at the Alert pin, after the Alert pin is asserted, the Mask/Enable register must
be read following the alert to determine the source of the alert. By reading the Conversion Ready Flag (CVRF),
bit D3, and the Alert Function Flag (AFF), bit D4 in the Mask/Enable register, the source of the alert can be
determined. If the conversion ready feature is not desired, and the CNVR bit is not set, the Alert pin only
responds to an exceeded alert limit based on the alert function enabled.
If the Alert function is not used, the Alert pin can be left floating without impacting the operation of the device.
Refer to Figure 20 to see the relative timing of when the value in the Alert Limit Register is compared to the
corresponding converted value. For example, if the alert function that is enabled is Shunt Voltage Over Limit
(SOL), following every shunt voltage conversion the value in the Alert Limit Register is compared to the
measured shunt voltage to determine if the measurements has exceeded the programmed limit. The AFF, bit 4 of
the Mask/Enable Register, asserts high any time the measured voltage exceeds the value programmed into the
Alert Limit Register. In addition to the AFF being asserted, the Alert pin is asserted based on the Alert Polarity Bit
(APOL, bit 1 of the Mask/Enable Register). If the Alert Latch is enabled, the AFF and Alert pin remain asserted
until either the Configuration Register is written to or the Mask/Enable Register is read.
The Bus Voltage alert functions compare the measured bus voltage to the Alert Limit Register following every
bus voltage conversion and assert the AFF bit and Alert pins if the limit threshold is exceeded.
The Power Over Limit alert function is also compared to the calculated power value following every bus voltage
measurement conversion and asserts the AFF bit and Alert pins if the limit threshold is exceeded.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): INA226



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com