Electronic Components Datasheet Search
  English  ▼

X  

ISO7140FCC Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7140FCC
Description  4242-VPK Small-Footprint and Low-Power Triple and Quad Channels Digital Isolators
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7140FCC Datasheet(HTML) 18 Page - Texas Instruments

Back Button ISO7140FCC Datasheet HTML 14Page - Texas Instruments ISO7140FCC Datasheet HTML 15Page - Texas Instruments ISO7140FCC Datasheet HTML 16Page - Texas Instruments ISO7140FCC Datasheet HTML 17Page - Texas Instruments ISO7140FCC Datasheet HTML 18Page - Texas Instruments ISO7140FCC Datasheet HTML 19Page - Texas Instruments ISO7140FCC Datasheet HTML 20Page - Texas Instruments ISO7140FCC Datasheet HTML 21Page - Texas Instruments ISO7140FCC Datasheet HTML 22Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
ISO7131CC, ISO7140CC, ISO7140FCC
ISO7141CC, ISO7141FCC
SLLSE83E – APRIL 2013 – REVISED SEPTEMBER 2013
www.ti.com
REVISION HISTORY
Changes from Original (April 2013) to Revision A
Page
•
Changed the SWITCHING CHARACTERISTICS table, Input glitch rejection time. Values by device. ............................... 4
•
Changed the SWITCHING CHARACTERISTICS table, Input glitch rejection time. Values by device. ............................... 6
•
Changed the SWITCHING CHARACTERISTICS table, Input glitch rejection time. Values by device. ............................... 8
•
Added Figure 11 ................................................................................................................................................................. 16
Changes from Revision A (June 2013) to Revision B
Page
•
Changed device ISO7141CC From: Product Preview To: Released in the Product Status table ........................................ 1
Changes from Revision B (June 2013) to Revision C
Page
•
Changed Feature From: ISO7140: TBD at 1 Mbps, TBD at 25 Mbps To: ISO7140: 1 mA at 1 Mbps, 2.3 mA at 25
Mbps ..................................................................................................................................................................................... 1
•
Changed the SAFETY and REGULATORY APPROVALS .................................................................................................. 1
•
Added text to the Description: "All inputs are 5V tolerant when supplied from a 2.7V or 3.3V supply." .............................. 1
•
Deleted the Product Status table .......................................................................................................................................... 1
•
Changed the AVAILABLE OPTIONS table ........................................................................................................................... 2
•
Changed the ABSOLUTE MAXIMUM RATINGS table ......................................................................................................... 3
•
Changed the SWITCHING CHARACTERISTICS table, Input glitch rejection time. ............................................................. 4
•
Changed ISO7140 in the SUPPLY CURRENT table From: TBD To: values ....................................................................... 5
•
Changed the SWITCHING CHARACTERISTICS table, Input glitch rejection time. ............................................................. 6
•
Changed ISO7140 in the SUPPLY CURRENT table From: TBD To: values ....................................................................... 7
•
Changed the SWITCHING CHARACTERISTICS table, Input glitch rejection time. ............................................................. 8
•
Changed ISO7140 in the SUPPLY CURRENT table From: TBD To: values ....................................................................... 9
•
Changed Figure 9 X-axis scale ........................................................................................................................................... 16
Changes from Revision C (July 2013) to Revision D
Page
•
Added Safety List item "GB 4943.1-2011 and GB 8898:2011 CQC Certification (Approval Pending)" ............................... 1
•
Deleted "Product Preview" From the AVAILABLE OPTIONS table ...................................................................................... 2
•
Changed the REGULATORY INFORMATION, added column for CQC ............................................................................ 13
•
Added Figure 10 ................................................................................................................................................................. 16
Changes from Revision D (August 2013) to Revision E
Page
•
Changed From: 2500 VRMS Isolation for 1 minute per UL 1577 (Approval Pending) To: (Approved) .................................. 1
•
Added note1 to the AVAILABLE OPTIONS table ................................................................................................................. 2
•
Changed From: Basic Insulation To: Basic Insulation, Altitude
≤ 5000m, Tropical Climate, 250 VRMS maximum
working voltage in the Regulatory Information table ........................................................................................................... 13
•
Changed File number: E181974 (approval pending) To: File number: E181974 in the Regulatory Information table ...... 13
•
Changed Figure 5 ............................................................................................................................................................... 13
•
Changed the title of Figure 18, Figure 19, and Figure 19 to include "PRBS 2
16 - 1" ......................................................... 17
18
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: ISO7131CC ISO7140CC ISO7140FCC ISO7141CC ISO7141FCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com