Electronic Components Datasheet Search
  English  ▼

X  

LF356 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LF356
Description  LF155/LF156/LF256/LF257/LF355/LF356/LF357 JFET Input Operational Amplifiers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LF356 Datasheet(HTML) 3 Page - Texas Instruments

  LF356 Datasheet HTML 1Page - Texas Instruments LF356 Datasheet HTML 2Page - Texas Instruments LF356 Datasheet HTML 3Page - Texas Instruments LF356 Datasheet HTML 4Page - Texas Instruments LF356 Datasheet HTML 5Page - Texas Instruments LF356 Datasheet HTML 6Page - Texas Instruments LF356 Datasheet HTML 7Page - Texas Instruments LF356 Datasheet HTML 8Page - Texas Instruments LF356 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
LF155, LF156, LF355, LF356, LF357
www.ti.com
SNOSBH0C – MAY 2000 – REVISED MARCH 2013
Absolute Maximum Ratings
(1) (2)
LF155/6
LF256/7/LF356B
LF355/6/7
Supply Voltage
±22V
±22V
±18V
Differential Input Voltage
±40V
±40V
±30V
Input Voltage Range (3)
±20V
±20V
±16V
Output Short Circuit Duration
Continuous
Continuous
Continuous
TJMAX
LMC Package
150°C
115°C
115°C
P Package
100°C
100°C
D Package
100°C
100°C
Power Dissipation at TA = 25°C
(1) (4)
LMC Package (Still Air)
560 mW
400 mW
400 mW
LMC Package (400 LF/Min Air Flow)
1200 mW
1000 mW
1000 mW
P Package
670 mW
670 mW
D Package
380 mW
380 mW
Thermal Resistance (Typical)
θJA
LMC Package (Still Air)
160°C/W
160°C/W
160°C/W
LMC Package (400 LF/Min Air Flow)
65°C/W
65°C/W
65°C/W
P Package
130°C/W
130°C/W
D Package
195°C/W
195°C/W
(Typical)
θJC
LMC Package
23°C/W
23°C/W
23°C/W
Storage Temperature Range
−65°C to +150°C
−65°C to +150°C
−65°C to +150°C
Soldering Information (Lead Temp.)
TO-99 Package
Soldering (10 sec.)
300°C
300°C
300°C
PDIP Package
Soldering (10 sec.)
260°C
260°C
260°C
SOIC Package
Vapor Phase (60 sec.)
215°C
215°C
Infrared (15 sec.)
220°C
220°C
ESD tolerance
(100 pF discharged through 1.5k
Ω)
1000V
1000V
1000V
(1)
The maximum power dissipation for these devices must be derated at elevated temperatures and is dictated by TJMAX, θJA, and the
ambient temperature, TA. The maximum available power dissipation at any temperature is PD=(TJMAX−TA)/θJA or the 25°C PdMAX,
whichever is less.
(2)
If Military/Aerospace specified devices are required, contact the TI Sales Office/Distributors for availability and specifications.
(3)
Unless otherwise specified the absolute maximum negative input voltage is equal to the negative power supply voltage.
(4)
Max. Power Dissipation is defined by the package characteristics. Operating the part near the Max. Power Dissipation may cause the
part to operate outside specified limits.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LF155 LF156 LF355 LF356 LF357



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com