Electronic Components Datasheet Search
  English  ▼

X  

ADV7622BSTZ Datasheet(PDF) 12 Page - Analog Devices

Part # ADV7622BSTZ
Description  HDMI Transceiver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7622BSTZ Datasheet(HTML) 12 Page - Analog Devices

Back Button ADV7622BSTZ Datasheet HTML 8Page - Analog Devices ADV7622BSTZ Datasheet HTML 9Page - Analog Devices ADV7622BSTZ Datasheet HTML 10Page - Analog Devices ADV7622BSTZ Datasheet HTML 11Page - Analog Devices ADV7622BSTZ Datasheet HTML 12Page - Analog Devices ADV7622BSTZ Datasheet HTML 13Page - Analog Devices ADV7622BSTZ Datasheet HTML 14Page - Analog Devices ADV7622BSTZ Datasheet HTML 15Page - Analog Devices ADV7622BSTZ Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
ADV7622
Data Sheet
Rev. D | Page 12 of 16
Pin No.
Mnemonic
Type
Description
99
PGND
Ground
PVDD Ground.
100
PVDD
Power
PLL Supply Voltage (1.8 V).
101
XTAL
Miscellaneous
analog
Input pin for 28.63636 MHz crystal or an external 1.8 V 28.63636 MHz clock oscillator source
to clock the ADV7622.
102
XTAL1
Miscellaneous
analog
Crystal Output Pin. This pin should be left floating if a clock oscillator is used.
103
PVDD
Power
PLL Supply Voltage (1.8 V).
104
PGND
Ground
PVDD Ground.
105
HP_CTRLA
Digital output
Hot Plug Detect for Port A.
106
5V_DETA
Digital input
5 V Detect Pin for Port A in the HDMI Interface.
107
RTERM
Miscellaneous
analog
This pin sets the internal termination resistance. A 500 Ω resistor between this pin and
ground should be used.
108
DDCA_SDA
Digital I/O
HDCP Slave Serial Data Port A. DDCA_SDA is a 3.3 V input/output that is 5 V tolerant.
109
DDCA_SCL
Digital input
HDCP Slave Serial Clock Port A. DDCA_SCL is a 3.3 V input that is 5 V tolerant.
110
CVDD
Power
Receiver Comparator Supply Voltage (1.8 V).
111
CGND
Ground
TVDD and CVDD Ground.
112
RXA_C−
HDMI input
Digital Input Clock Complement of Port A in the HDMI Interface.
113
RXA_C+
HDMI input
Digital Input Clock True of Port A in the HDMI Interface.
114
TVDD
Power
Receiver Terminator Supply Voltage (3.3 V).
115
RXA_0−
HDMI input
Digital Input Channel 0 Complement of Port A in the HDMI Interface.
116
RXA_0+
HDMI input
Digital Input Channel 0 True of Port A in the HDMI Interface.
117
CGND
Ground
TVDD and CVDD Ground.
118
RXA_1−
HDMI input
Digital Input Channel 1 Complement of Port A in the HDMI Interface.
119
RXA_1+
HDMI input
Digital Input Channel 1 True of Port A in the HDMI Interface.
120
TVDD
Power
Receiver Terminator Supply Voltage (3.3 V).
121
RXA_2−
HDMI input
Digital Input Channel 2 Complement of Port A in the HDMI Interface.
122
RXA_2+
HDMI input
Digital Input Channel 2 True of Port A in the HDMI Interface.
123
HP_CTRLB
Digital output
Hot Plug Detect for Port B.
124
5V_DETB
Digital input
5 V Detect Pin for Port B in the HDMI Interface.
125
DGND
Ground
DVDD Ground.
126
DVDD
Power
Digital Supply Voltage (1.8 V).
127
DDCB_SDA
Digital I/O
HDCP Slave Serial Data Port B. DDCB_SDA is a 3.3 V input/output that is 5 V tolerant.
128
DDCB_SCL
Digital input
HDCP Slave Serial Clock Port B. DDCB_SCL is a 3.3 V input that is 5 V tolerant.
129
CVDD
Power
Receiver Comparator Supply Voltage (1.8 V).
130
CGND
Ground
TVDD and CVDD Ground.
131
RXB_C−
HDMI input
Digital Input Clock Complement of Port B in the HDMI Interface.
132
RXB_C+
HDMI input
Digital Input Clock True of Port B in the HDMI Interface.
133
TVDD
Power
Receiver Terminator Supply Voltage (3.3 V).
134
RXB_0−
HDMI input
Digital Input Channel 0 Complement of Port B in the HDMI Interface.
135
RXB_0+
HDMI input
Digital Input Channel 0 True of Port B in the HDMI Interface.
136
CGND
Ground
TVDD and CVDD Ground.
137
RXB_1−
HDMI input
Digital Input Channel 1 Complement of Port B in the HDMI Interface.
138
RXB_1+
HDMI input
Digital Input Channel 1 True of Port B in the HDMI Interface.
139
TVDD
Power
Receiver Terminator Supply Voltage (3.3 V).
140
RXB_2−
HDMI input
Digital Input Channel 2 Complement of Port B in the HDMI Interface.
141
RXB_2+
HDMI input
Digital Input Channel 2 True of Port B in the HDMI Interface.
142
HP_CTRLC
Digital output
Hot Plug Detect for Port C.
143
5V_DETC
Digital input
5 V Detect Pin for Port C in the HDMI Interface.
144
DDCC_SDA
Digital I/O
HDCP Slave Serial Data Port C. DDCC_SDA is a 3.3 V input/output that is 5 V tolerant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com