Electronic Components Datasheet Search
  English  ▼

X  

MLM311P Datasheet(PDF) 14 Page - Texas Instruments

Part # MLM311P
Description  LM111-N/LM211-N/LM311-N Voltage Comparator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MLM311P Datasheet(HTML) 14 Page - Texas Instruments

Back Button MLM311P Datasheet HTML 10Page - Texas Instruments MLM311P Datasheet HTML 11Page - Texas Instruments MLM311P Datasheet HTML 12Page - Texas Instruments MLM311P Datasheet HTML 13Page - Texas Instruments MLM311P Datasheet HTML 14Page - Texas Instruments MLM311P Datasheet HTML 15Page - Texas Instruments MLM311P Datasheet HTML 16Page - Texas Instruments MLM311P Datasheet HTML 17Page - Texas Instruments MLM311P Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
LM111-N, LM211-N, LM311-N
SNOSBJ1E – MAY 1999 – REVISED MARCH 2013
www.ti.com
Typical Applications
(Pin numbers refer to LMC package)
Figure 43. Zero Crossing Detector Driving MOS Switch
*TTL or DTL fanout of two
Figure 44. 100 kHz Free Running Multivibrator
*Adjust for symmetrical square wave time when VIN = 5 mV
†Minimum capacitance 20 pF Maximum frequency 50 kHz
Figure 45. 10 Hz to 10 kHz Voltage Controlled Oscillator
14
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM111-N LM211-N LM311-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com