Electronic Components Datasheet Search
  English  ▼

X  

LM2825 Datasheet(PDF) 12 Page - Texas Instruments

Part # LM2825
Description  LM2825 Integrated Power Supply 1A DC-DC Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2825 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM2825 Datasheet HTML 8Page - Texas Instruments LM2825 Datasheet HTML 9Page - Texas Instruments LM2825 Datasheet HTML 10Page - Texas Instruments LM2825 Datasheet HTML 11Page - Texas Instruments LM2825 Datasheet HTML 12Page - Texas Instruments LM2825 Datasheet HTML 13Page - Texas Instruments LM2825 Datasheet HTML 14Page - Texas Instruments LM2825 Datasheet HTML 15Page - Texas Instruments LM2825 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
LM2825
SNVS127C – MAY 1997 – REVISED APRIL 2013
www.ti.com
Figure 19. Usage of the Soft-start Capacitor
OUTPUT CURRENT DERATING FOR TJ = −40°C to −25°C AND TJ = −25°C to 0°C
At the lower temperature extremes, the switch current limit drops off sharply. As a result, a lower output current is
available in this temperature range. See Figure 20 and Figure 21 for the typical available output current at these
temperature ranges.
Figure 20. LM2825 Output Current Derating for TJ = −40°C to −25°C
12
Submit Documentation Feedback
Copyright © 1997–2013, Texas Instruments Incorporated
Product Folder Links: LM2825



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com