Electronic Components Datasheet Search
  English  ▼

X  

LM3410XMF Datasheet(PDF) 23 Page - Texas Instruments

Part # LM3410XMF
Description  525kHz/1.6MHz, Constant Current Boost and SEPIC LED Driver with Internal Compensation
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3410XMF Datasheet(HTML) 23 Page - Texas Instruments

Back Button LM3410XMF Datasheet HTML 19Page - Texas Instruments LM3410XMF Datasheet HTML 20Page - Texas Instruments LM3410XMF Datasheet HTML 21Page - Texas Instruments LM3410XMF Datasheet HTML 22Page - Texas Instruments LM3410XMF Datasheet HTML 23Page - Texas Instruments LM3410XMF Datasheet HTML 24Page - Texas Instruments LM3410XMF Datasheet HTML 25Page - Texas Instruments LM3410XMF Datasheet HTML 26Page - Texas Instruments LM3410XMF Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 49 page
background image
VOUT + VIN
D =
VOUT
'¶
D
VOUT
VIN
=
LM3410, LM3410Q
www.ti.com
SNVS541G – OCTOBER 2007 – REVISED MAY 2013
Figure 24. RθJA vs Internal Dissipation
For 5-pin SOT-23 package typical applications, RθJA numbers will range from 80°C/W to 110°C/W, and RΨJC will
vary between 50°C/W and 65°C/W. These values are for PCB’s with two and four layer boards with 0.5 oz
copper, with two to four thermal vias from GND pin to bottom layer.
Here is a good rule of thumb for typical thermal impedances, and an ambient temperature maximum of 75°C: If
your design requires that you dissipate more than 400mW internal to the LM3410, or there is 750mW of total
power loss in the application, it is recommended that you use the 6-pin WSON or the 8-pin MSOP-PowerPad
package with the exposed DAP.
SEPIC Converter
The LM3410 can easily be converted into a SEPIC converter. A SEPIC converter has the ability to regulate an
output voltage that is either larger or smaller in magnitude than the input voltage. Other converters have this
ability as well (CUK and Buck-Boost), but usually create an output voltage that is opposite in polarity to the input
voltage. This topology is a perfect fit for Lithium Ion battery applications where the input voltage for a single cell
Li-Ion battery will vary between 2.7V and 4.5V and the output voltage is somewhere in between. Most of the
analysis of the LM3410 Boost Converter is applicable to the LM3410 SEPIC Converter.
SEPIC Design Guide:
SEPIC Conversion ratio without loss elements:
(56)
Therefore:
(57)
Small ripple approximation:
In a well-designed SEPIC converter, the output voltage, and input voltage ripple, the inductor ripple IL1 and IL2 is
small in comparison to the DC magnitude. Therefore it is a safe approximation to assume a DC value for these
components. The main objective of the Steady State Analysis is to determine the steady state duty-cycle, voltage
and current stresses on all components, and proper values for all components.
In a steady-state converter, the net volt-seconds across an inductor after one cycle will equal zero. Also, the
charge into a capacitor will equal the charge out of a capacitor in one cycle.
Therefore:
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Links: LM3410 LM3410Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com