Electronic Components Datasheet Search
  English  ▼

X  

LM3410 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LM3410
Description  525kHz/1.6MHz, Constant Current Boost and SEPIC LED Driver with Internal Compensation
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3410 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM3410 Datasheet HTML 17Page - Texas Instruments LM3410 Datasheet HTML 18Page - Texas Instruments LM3410 Datasheet HTML 19Page - Texas Instruments LM3410 Datasheet HTML 20Page - Texas Instruments LM3410 Datasheet HTML 21Page - Texas Instruments LM3410 Datasheet HTML 22Page - Texas Instruments LM3410 Datasheet HTML 23Page - Texas Instruments LM3410 Datasheet HTML 24Page - Texas Instruments LM3410 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 49 page
background image
LM3410, LM3410Q
www.ti.com
SNVS541G – OCTOBER 2007 – REVISED MAY 2013
Table 5. Operating Conditions
VIN
3.3V
VOUT
16.7V
ILED
50mA
VD
0.45V
fSW
1.60MHz
IQ
3mA
tRISE
10nS
tFALL
10nS
RDSON
225m
Ω
LDCR
75m
Ω
D
0.82
IIN
0.31A
ΣPCOND + PSW + PDIODE + PIND + PQ = PLOSS
(36)
Quiescent Power Loss:
PQ = IQ x VIN = 10 mW
(37)
Switching Power Loss:
PSWR = 1/2(VOUT x IIN x fSW x tRISE) ≊ 40 mW
(38)
PSWF = 1/2(VOUT x IIN x fSW x tFALL) ≊ 40 mW
(39)
PSW = PSWR + PSWF = 80 mW
(40)
Internal NFET Power Loss:
RDSON = 225 mΩ
(41)
PCONDUCTION = IIN
2 x D x R
DSON = 17 mW
(42)
IIN = 310 mA
(43)
Diode Loss:
VD = 0.45V
(44)
PDIODE = VD x ILED = 23 mW
(45)
Inductor Power Loss:
RDCR = 75 mΩ
(46)
PIND = IIN
2 x R
DCR = 7 mW
(47)
Total Power Losses are:
Table 6. Power Loss Tabulation
VIN
3.3V
VOUT
16.7V
ILED
50mA
POUT
825W
VD
0.45V
PDIODE
23mW
fSW
1.6MHz
IQ
10nS
PSWR
40mW
tRISE
10nS
PSWF
40mW
IQ
3mA
PQ
10mW
RDSON
225m
Ω
PCOND
17mW
LDCR
75m
Ω
PIND
7mW
D
0.82
η
85%
PLOSS
137mW
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LM3410 LM3410Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com