Electronic Components Datasheet Search
  English  ▼

X  

LM3445 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM3445
Description  Triac Dimmable Offline LED Driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3445 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM3445 Datasheet HTML 9Page - Texas Instruments LM3445 Datasheet HTML 10Page - Texas Instruments LM3445 Datasheet HTML 11Page - Texas Instruments LM3445 Datasheet HTML 12Page - Texas Instruments LM3445 Datasheet HTML 13Page - Texas Instruments LM3445 Datasheet HTML 14Page - Texas Instruments LM3445 Datasheet HTML 15Page - Texas Instruments LM3445 Datasheet HTML 16Page - Texas Instruments LM3445 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
+
+
D3
C7
C9
C10
D4
D8
VBUCK
V+
+
-
+
-
2
VBUCK
2
VBUCK
+
+
D3
C7
C8
C9
C10
D4
D5
D6
D7
D8
R7
R8
D9
R6
VBUCK
V+
+
+
D3
C7
C9
C10
D4
D8
D9
R7
R6
R8
VBUCK
V+
LM3445
www.ti.com
SNVS570L – JANUARY 2009 – REVISED MAY 2013
VALLEY-FILL CIRCUIT
VBUCK supplies the power which drives the LED string. Diode D3 allows VBUCK to remain high while V+ cycles on
and off. VBUCK has a relatively small hold capacitor C10 which reduces the voltage ripple when the valley fill
capacitors are being charged. However, the network of diodes and capacitors shown between D3 and C10 make
up a "valley-fill" circuit. The valley-fill circuit can be configured with two or three stages. The most common
configuration is two stages. Figure 18 illustrates a two and three stage valley-fill circuit.
Figure 18. Two and Three Stage Valley Fill Circuit
The valley-fill circuit allows the buck regulator to draw power throughout a larger portion of the AC line. This
allows the capacitance needed at VBUCK to be lower than if there were no valley-fill circuit, and adds passive
power factor correction (PFC) to the application. Besides better power factor correction, a valley-fill circuit allows
the buck converter to operate while separate circuitry translates the dimming information. This allows for dimming
that isn’t subject to 120Hz flicker that can be perceived by the human eye.
VALLEY-FILL OPERATION
When the “input line is high”, power is derived directly through D3. The term “input line is high” can be explained
as follows. The valley-fill circuit charges capacitors C7 and C9 in series (see Figure 19) when the input line is
high.
Figure 19. Two Stage Valley-Fill Circuit When AC Line is High
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM3445



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com