Electronic Components Datasheet Search
  English  ▼

X  

LM3410XMFX Datasheet(PDF) 19 Page - Texas Instruments

Part # LM3410XMFX
Description  525kHz/1.6MHz, Constant Current Boost and SEPIC LED Driver with Internal Compensation
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3410XMFX Datasheet(HTML) 19 Page - Texas Instruments

Back Button LM3410XMFX Datasheet HTML 15Page - Texas Instruments LM3410XMFX Datasheet HTML 16Page - Texas Instruments LM3410XMFX Datasheet HTML 17Page - Texas Instruments LM3410XMFX Datasheet HTML 18Page - Texas Instruments LM3410XMFX Datasheet HTML 19Page - Texas Instruments LM3410XMFX Datasheet HTML 20Page - Texas Instruments LM3410XMFX Datasheet HTML 21Page - Texas Instruments LM3410XMFX Datasheet HTML 22Page - Texas Instruments LM3410XMFX Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 49 page
background image
=
RDCR
I
2
O
¸
¸
¹
·
D'
¨
¨
©
§
P
IND
R
¸
¸
¸
¸
¸
¹
·
¨
¨
¨
¨
¨
©
§
+
)
(
DCR
R
c
OUT
2
D
+
1
DSON
x R
D
x D
V
c
D
IN
V
-
1
K|
=
R
¸
¸
¸
¸
¸
¹
·
¨
¨
¨
¨
¨
©
§
+
)
(
DCR
R
c
OUT
2
D
+
1
DSON
x R
D
x D
V
c
D
IN
V
-
1
c
D
OUT
V
IN
V
K =
'¶
K
VOUT
VIN
=
'¶
1
VOUT
VIN
=
LM3410, LM3410Q
www.ti.com
SNVS541G – OCTOBER 2007 – REVISED MAY 2013
(19)
And we know:
(20)
Therefore:
(21)
Calculations for determining the most significant power losses are discussed below. Other losses totaling less
than 2% are not discussed.
A simple efficiency calculation that takes into account the conduction losses is shown below:
(22)
The diode, NMOS switch, and inductor DCR losses are included in this calculation. Setting any loss element to
zero will simplify the equation.
VD is the forward voltage drop across the Schottky diode. It can be obtained from the manufacturer’s Electrical
Characteristics section of the data sheet.
The conduction losses in the diode are calculated as follows:
PDIODE = VD x ILED
(23)
Depending on the duty cycle, this can be the single most significant power loss in the circuit. Care should be
taken to choose a diode that has a low forward voltage drop. Another concern with diode selection is reverse
leakage current. Depending on the ambient temperature and the reverse voltage across the diode, the current
being drawn from the output to the NMOS switch during time D could be significant, this may increase losses
internal to the LM3410 and reduce the overall efficiency of the application. Refer to Schottky diode
manufacturer’s data sheets for reverse leakage specifications, and typical applications within this data sheet for
diode selections.
Another significant external power loss is the conduction loss in the input inductor. The power loss within the
inductor can be simplified to:
PIND = IIN
2R
DCR
(24)
Or
(25)
The LM3410 conduction loss is mainly associated with the internal power switch:
PCOND-NFET = I
2
SW-rms x RDSON x D
(26)
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: LM3410 LM3410Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com