Electronic Components Datasheet Search
  English  ▼

X  

LM3445MMX Datasheet(PDF) 3 Page - Texas Instruments

Part # LM3445MMX
Description  Triac Dimmable Offline LED Driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3445MMX Datasheet(HTML) 3 Page - Texas Instruments

  LM3445MMX Datasheet HTML 1Page - Texas Instruments LM3445MMX Datasheet HTML 2Page - Texas Instruments LM3445MMX Datasheet HTML 3Page - Texas Instruments LM3445MMX Datasheet HTML 4Page - Texas Instruments LM3445MMX Datasheet HTML 5Page - Texas Instruments LM3445MMX Datasheet HTML 6Page - Texas Instruments LM3445MMX Datasheet HTML 7Page - Texas Instruments LM3445MMX Datasheet HTML 8Page - Texas Instruments LM3445MMX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
LM3445
www.ti.com
SNVS570L – JANUARY 2009 – REVISED MAY 2013
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ABSOLUTE MAXIMUM RATINGS
(1) (2)
BLDR to GND
-0.3V to +17V
VCC, GATE, FLTR1 to GND
-0.3V to +14V
ISNS to GND
-0.3V to +2.5V
ASNS, DIM, FLTR2, COFF to GND
-0.3V to +7.0V
COFF Input Current
100mA
Continuous Power Dissipation(3)
Internally Limited
ESD Susceptibility, HBM (4)
2 kV
Junction Temperature (TJ-MAX)
150°C
Storage Temperature Range
-65°C to +150°C
Maximum Lead Temperature Range (Soldering)
260°C
(1)
Absolute maximum ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions for which the
device is intended to be functional, but device parameter specifications may not be guaranteed. For ensured specifications and test
conditions, see the Electrical Characteristics. All voltages are with respect to the potential at the GND pin, unless otherwise specified.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(3)
Internal thermal shutdown circuitry protects the device from permanent damage. Thermal shutdown engages at TJ = 165°C (typ.) and
disengages at TJ = 145°C (typ).
(4)
Human Body Model, applicable std. JESD22-A114-C.
OPERATING CONDITIONS
VCC
8.0V to 12V
Junction Temperature
−40°C to +125°C
ELECTRICAL CHARACTERISTICS
Limits in standard type face are for TJ = 25°C and those with boldface type apply over the full Operating Temperature
Range ( TJ = −40°C to +125°C). Minimum and Maximum limits are specified through test, design, or statistical correlation.
Typical values represent the most likely parametric norm at TJ = +25ºC, and are provided for reference purposes only.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
BLEEDER
RBLDR
Bleeder resistance to GND
IBLDR = 10mA
230
325
Ω
VCC SUPPLY
IVCC
Operating supply current
2.00
2.85
mA
VCC-UVLO
Rising threshold
7.4
7.7
V
Falling threshold
6.0
6.4
Hysterisis
1
COFF
VCOFF
Time out threshold
1.225
1.276
1.327
V
RCOFF
Off timer sinking impedance
33
60
Ω
tCOFF
Restart timer
180
µs
CURRENT LIMIT
VISNS
ISNS limit threshold
1.174
1.269
1.364
V
tISNS
Leading edge blanking time
125
ns
Current limit reset delay
180
µs
ISNS limit to GATE delay
ISNS = 0 to 1.75V step
33
ns
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM3445



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com