Electronic Components Datasheet Search
  English  ▼

X  

COM-CV Datasheet(PDF) 1 Page - AAEON Technology

Part # COM-CV
Description  COM Express Type 6 CPU Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

COM-CV Datasheet(HTML) 1 Page - AAEON Technology

  COM-CV Datasheet HTML 1Page - AAEON Technology COM-CV Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
06-7
06
Features
Specifications
COM-CV Rev. B
Onboard Intel® Atom™ D2550/N2600 Processor
■
■
Intel® NM10
■
■
SODIMM DDR3 1066 Memory, Max. 4 GB
■
■
Intel® 82583V Gigabit Ethernet
■
■
CRT, Up to 24-bit Dual-Channel LVDS, LCD, HDMI
■
■
SATA 3.0Gb/s x 2, USB3.0 x 2, USB2.0 x 8
■
■
PCI-Express[x1] x 4
■
■
COM Express Compact Module, 95mm x 95mm, Pin-out Type 6,
■
■
COM.0 Rev. 2.0
-40°C ~ 85°C Wide Temperature Range Available for Selected
■
■
Model
COM Express Type 6 CPU Module with Onboard Intel® Atom™ D2550/N2600 Processor
M2.5 Screw x 4
•
Product CD
•
COM-CV Rev. B
•
Packing List
System
Form Factor
COM Express compact module, Pin-out Type 6, COM. 0 Rev. 2.0
Processor
Intel® Atom™ D2550/N2600 processor
D2550: 1.86GHz
N2600: 1.6GHz
N2800: 1.8GHz (optional)
System Memory
204-pin DDR3 SODIMM x1, Max. 4GB (DDR3 800/1066)
D2550/N2800 800/1066 MHz: Max. 4GB
N2600 800MHz: Max.2GB
Chipset
Intel® NM10
I/O Chipset
Intel® NM10
Ethernet
Intel® 82583V, 10/100/1000Base-TX
TPM
—
BIOS
AMI BIOS
SPI type, 4MB ROM
EEPROM
Atmel® AT25080B(8kb), save BIOS and Configuration data (Optional)
Wake On Lan
Yes
Watchdog Timer
ITE8516E-L, 255 levels
H/W status Monitoring
Supports CPU temperature monitoring
Expansion interface
PCI-Express [x1] x 4, LPC bus x 1, SMBus x 1
Power Requirement
+12V only
2-pin wafer for RTC battery
Power Consumption
Intel® Atom™ D2550 1.86 GHz, DDR3 2GB
1.12A@+12V, w/ECB-917T
Intel® Atom™ N2600 1.6 GHz, DDR3 2GB
1.08A@+12V, w/ECB-917T
Board Size
3.74" (L) x 3.74"(W) (95mm x 95mm)
Gross Weight
0.55 lb (0.25 kg)
Operating Temperature
32°F ~ 140°F (0°C ~ 60°C), -40°F ~ 185°F (-40°C ~ 85°C) for WiTAS 2
Storage Temperature
-40°F ~ 185°F (-40°C ~ 85°C)
Operating Humidity
0% ~ 90% relative humidity, non-condensing
MTBF (Hours)
81,000
Display
Supports CRT/LCD/HDMI simultaneous/ dual view displays
Chipset
Intel® Atom™ D2550/N2600 processor integrated
DirectX 9, OpenGL *3.0
Integrated hardware MPEG2 decoder
Memory
Shared system memory up to 256MB/ DVMT 4.0
Resolution
Up to 1920 x 1200 for CRT
Up to 1920 x 1080 for 18/24-bit LCD (D2550)
Up to 1366 x 768 for 18/24-bit LCD (N2600)
LCD Interface
Up to 24-bit dual-channel LVDS
HDMI
Supports HDMI x1
DisplayPort
Supports DisplayPort™ x 1
I/O
Storage
SATA 3.0Gb/s x 2
Serial Port
UART x 2 (TX/RX only)
USB
USB2.0 x 8
USB3.0 x 2
Audio
High definition audio
GPIO
Up to 4 in and 4 out
Onboard Intel®
Atom™ D2550/
N2600 Processor
DDR3 SODIMM
Intel® NM10


Similar Part No. - COM-CV

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
COM-CV AAEON-COM-CV Datasheet
222Kb / 2P
COM Express Type 6 CPU Module
COM-CV AAEON-COM-CV_15 Datasheet
222Kb / 2P
COM Express Type 6 CPU Module
More results

Similar Description - COM-CV

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
COM-LN AAEON-COM-LN Datasheet
218Kb / 2P
COM Express Type 2 CPU Module
COM-QM77 AAEON-COM-QM77 Datasheet
276Kb / 2P
COM Express Type 6 CPU Module
COM-U15 AAEON-COM-U15 Datasheet
294Kb / 2P
COM Express Type 2 CPU Module
COM-CV AAEON-COM-CV Datasheet
222Kb / 2P
COM Express Type 6 CPU Module
COM-LN AAEON-COM-LN Datasheet
218Kb / 2P
COM Express Type 2 CPU Module
COM-QM77 AAEON-COM-QM77 Datasheet
276Kb / 2P
COM Express Type 6 CPU Module
COM-CV AAEON-COM-CV_15 Datasheet
222Kb / 2P
COM Express Type 6 CPU Module
COM-LN AAEON-COM-LN_15 Datasheet
218Kb / 2P
COM Express Type 2 CPU Module
COM-QM77 AAEON-COM-QM77_15 Datasheet
276Kb / 2P
COM Express Type 6 CPU Module
COM-U15 AAEON-COM-U15_15 Datasheet
294Kb / 2P
COM Express Type 2 CPU Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com