Electronic Components Datasheet Search
  English  ▼

X  

AF101A Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AF101A
Description  METRAport 3A Folding Analog Multimeter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AF101A Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AF101A Datasheet HTML 1Page - List of Unclassifed Manufacturers AF101A Datasheet HTML 2Page - List of Unclassifed Manufacturers AF101A Datasheet HTML 3Page - List of Unclassifed Manufacturers AF101A Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
METRAport3A
Folding Analog Multimeter
2
GOSSEN METRAWATT GMBH
Characteristic Values
1) The 100 mV to 10 V measuring ranges can also be used for current measurement
in accordance with the following table (e.g. reverse current or insulation current).
These measuring ranges are rated at accuracy class 5. Frequency range
at
~: 15 ... 100 Hz.
Same overload protection as for voltage measuring ranges.
2) Measured value = displayed value + constant, 0 dB
0.775 V, i.e. 1 mW at
600
Ω
3) Protected with PTC resistor
3) Protection by means of FF 1.6A/600V AC fuse link in combination with rectifier
diodes.
4) FF 16A/600V fuse link, 10 A: max. 10 minutes
Accuracy under Reference Conditions per IEC 60051/EN 60051
Class 1.5 for zero-frequency quantities, class 2.5 for periodic
sinusoidal quantities and class 1.5 for resistance (intrinsic error
relative to 69 mm scale length) corresponding to max. 10%
intrinsic error of the measured value within the range of the
exaggerated scale arc.
Reference Conditions
Ambient temperature +23
° C ±2 K
Relative humidity
40 ... 60%
Normal position
of use
Instrument and scale horizontal
±1°
Measured quantity
frequency
45 ... 65 Hz
Measured quantity
waveshape
Sine
Battery voltage
7.5 V
±0.1 V
Other influencing
quantities
per IEC 60051/EN 60051
Influencing Quantities and Nominal Ranges of Use
Temperature
+5 ... +23 ... +35
° C
Limiting temperatures For accuracy +5 ... +35
° C
For operation
0 ... +40
° C
For storage
-25 ... +65
° C
(without batteries)
Position
Additional influence error of max.
±1% of
the scale length if the scale is tilted
between 0 and
±120° relative to horizontal
Frequency
Additional influence error of max.
±5% of
full scale value in the following ranges:
Auxiliary voltage
No additional influence error. The upper
limit must be set with the potentiometer for
all measuring ranges in the case of
resistance measurement.
Series-mode interference
voltage damping
For V : > 60 dB, AC 50 Hz
For V
~: > 120 dB, DC
Common-mode interference
voltage damping
> 120 dB, DC and 50 Hz AC
Other influencing
quantities
per IEC 60051/EN 60051
Power Supply
Battery operation
Nominal voltage: 9 V ,
9 V flat cell battery per IEC 6LR61 (6F22),
alkaline manganese, zinc-carbon or NiCd
rechargeable battery.
Battery service life
With zinc-carbon: approx. 500 hours, with
alkaline manganese: approx. 1000 hours,
with NiCd: approx. 200 hours, in the
Ω x 1
range: ¼ of specified service life
Battery test
Pointer must be within the battery test
field.
Voltage 1)
Level 2)
Input
Resistance
Ri
Overload
Protection
to 3)
Constant
Measuring Span
100 mV
-20 dB
-40 ... ÷ 1 8 dB
10 M
Ω / /
50 pF
600 V
300 mV
-10 dB
-30 ... ÷
8 dB
600 V
1
V
0 dB
-20 ... +
2 dB
600 V
3
V
+10 dB
-10 ... + 12 dB
600 V
10
V
+20 dB
0 ... +
22 dB
600 V
30
V
+30 dB
+10 ... + 32 dB
600 V
100
V
+40 dB
+20 ... + 42 dB
600 V
300
V
+50 dB
+30 ... + 52 dB
600 V
600
V
+60 dB
+40 ... + 62 dB
600 V
Range
Current at
Upper Range Limit
Ri
100 mV
10
nA
10 M
Ω
300 mV
30 nA
1
V
100 nA
3
V
300 nA
10
V
1 µA
30
V
3 µA
Current
Input
Resistance Ri
Voltage Drop
∆U
Overload Protection
to
10 µA
10.0 k
Ω
100 mV
600 V
3)
100 µA
1.0 k
Ω
100 mV
600 V
3)
1 mA
100.0
Ω
100 mV
600 V
3)
10 mA
10.0
Ω
100 mV
600 V
3)
100 mA
1.4
Ω
140 mV
600 V
3)
1
A
480 m
Ω
0.480 V
600 V
3)
1 0
A
26 m
Ω
260 mV
600 V
4)
Resistance
Range
Reading Range
Value at
Scale
Middle
(Ri)
Open-
Circuit
Voltage
U0
Short-
Circuit
Current
IK
Overload
Protec-
tion
to
Ω x1
1
Ω ... 2 kΩ
45.6
Ω
100 mV
2.2 mA
600 V 3)
Ω x10
10
Ω ... 20 kΩ
456.0
Ω
100 mV
0.22mA
600 V 3)
Ω x 100
100
Ω ... 200 kΩ
4.56 k
Ω
100 mV
22
µA
600 V 3)
k
Ω x1
1 k
Ω ... 2 MΩ
45.6 k
Ω
1
V
22
µA
600 V 3)
k
Ω x10
10 k
Ω ... 20 MΩ
456.0k
Ω
1
V
2.2 µA
600 V 3)
100 mV, 3 V ...
600 V:
15 Hz ...
1 kHz
10 µA
...
10 A:
15 Hz ...
1 kHz
300 mV,
1 V:
15 Hz ... 200
Hz



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com