Electronic Components Datasheet Search
  English  ▼

X  

74V2T126STR Datasheet(PDF) 6 Page - STMicroelectronics

Part # 74V2T126STR
Description  DUAL BUS BUFFER (3-STATE)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74V2T126STR Datasheet(HTML) 6 Page - STMicroelectronics

  74V2T126STR Datasheet HTML 1Page - STMicroelectronics 74V2T126STR Datasheet HTML 2Page - STMicroelectronics 74V2T126STR Datasheet HTML 3Page - STMicroelectronics 74V2T126STR Datasheet HTML 4Page - STMicroelectronics 74V2T126STR Datasheet HTML 5Page - STMicroelectronics 74V2T126STR Datasheet HTML 6Page - STMicroelectronics 74V2T126STR Datasheet HTML 7Page - STMicroelectronics 74V2T126STR Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
74V2T126
6/8
DIM.
mm.
mils
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
0.90
1.45
35.4
57.1
A1
0.00
0.15
0.0
5.9
A2
0.90
1.30
35.4
51.2
b
0.22
0.38
8.6
14.9
C
0.09
0.20
3.5
7.8
D
2.80
3.00
110.2
118.1
E
2.60
3.00
102.3
118.1
E1
1.50
1.75
59.0
68.8
e0
.65
25.6
e1
1.95
76.7
L
0.35
0.55
13.7
21.6
SOT23-8L MECHANICAL DATA
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8