Electronic Components Datasheet Search
  English  ▼

X  

MP2120 Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MP2120
Description  2.5A, 5.5V Synchronous Step-Down Switching Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2120 Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button MP2120 Datasheet HTML 3Page - Monolithic Power Systems MP2120 Datasheet HTML 4Page - Monolithic Power Systems MP2120 Datasheet HTML 5Page - Monolithic Power Systems MP2120 Datasheet HTML 6Page - Monolithic Power Systems MP2120 Datasheet HTML 7Page - Monolithic Power Systems MP2120 Datasheet HTML 8Page - Monolithic Power Systems MP2120 Datasheet HTML 9Page - Monolithic Power Systems MP2120 Datasheet HTML 10Page - Monolithic Power Systems MP2120 Datasheet HTML 11Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
MP2120 – 2.5A, 5.5V SYNCHRONOUS STEP-DOWN CONVERTER
MP2120 Rev. 0.92
www.MonolithicPower.com
9
9/7/2011
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
External Schottky Diode
For this part, an external schottky diode is
recommended to be placed close to "SW" and
"GND" pins, especially when the output current is
larger than 2A.
With the external schottky diode, the voltage
spike and negative kick on "SW" pin can be
minimized; moreover, the conversion efficiency
can also be improved a little.
For the external schottky diode selection, it's
noteworthy that the maximum reverse voltage
rating of the external diode should be larger than
the maximum input voltage. As for the current
rating of this diode, 0.5A rating should be
sufficient.
PCB Layout Guide
PCB layout is very important to achieve stable
operation. It is highly recommended to duplicate
EVB layout for optimum performance. If change
is necessary, please follow these guidelines as
follows. Here, the typical application circuit is
taken as an example to illustrate the key layout
rules should be followed.
1) For MP2120, a PCB layout with more than (or)
four layers is recommended.
2) The high current paths (GND, IN and SW)
should be placed very close to the device with
short, direct and wide traces.
3) For MP2120, two input ceramic capacitors (2 x
(10μF~22μF)) are strongly recommended to be
placed on both sides of the MP2120 package
and keep them as close as possible to the “IN”
and “GND” pins. If this placement is not possible,
a ceramic cap (10μF~47μF) must be placed
across PIN7-“IN”and PIN9-“GND” since the
internal VCC supply is powered from PIN7, and
good decoupling is needed to avoid any
interference issues.
4) The external feedback resistors shall be
placed next to the FB pin. Keep the FB trace as
short as possible. Don’t place test points on FB
trace if possible.
5) Keep the switching node SW short and away
from the feedback network.
Top Layer
Inner Layer1
Inner Layer2



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com