Electronic Components Datasheet Search
  English  ▼

X  

MP2125DL Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP2125DL
Description  Dual 1.5A, 1.2MHz Synchronous Step-Down Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2125DL Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP2125DL Datasheet HTML 1Page - Monolithic Power Systems MP2125DL Datasheet HTML 2Page - Monolithic Power Systems MP2125DL Datasheet HTML 3Page - Monolithic Power Systems MP2125DL Datasheet HTML 4Page - Monolithic Power Systems MP2125DL Datasheet HTML 5Page - Monolithic Power Systems MP2125DL Datasheet HTML 6Page - Monolithic Power Systems MP2125DL Datasheet HTML 7Page - Monolithic Power Systems MP2125DL Datasheet HTML 8Page - Monolithic Power Systems MP2125DL Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
MP2125 – DUAL 1.5A, 1.2MHZ SYNCHRONOUS STEP-DOWN CONVERTER
MP2125 Rev. 1.0
www.MonolithicPower.com
4
12/24/2013
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = 5V, VOUT = 1.8V, L=3.3uH, TA = +25ºC, one channel, unless otherwise noted.
Load Regulation
VIN=3V
EenableSupply Current vs.
Input Voltage
VEN=3V
2.5
3 3.5
4 4.5
5 5.5
6
Case Temperature Risevs.
Output Current
IOUT1=IOUT2
0
5
10
15
20
25
30
35
OUTPUT CURRENT (A)
DUTY CYCLE (%)
Peak Current vs.
Duty Cycle
INPUT VOLTAGE (V)
Line Regulation
Efficiency Curve
0
10
20
30
40
50
60
70
80
90
100
0
0.3
0.6
0.9
1.2
1.5
OUTPUT CURRENT (A)
OUTPUT CURRENT (A)
VIN=3V
VIN=5V
VIN=6V
400
450
500
550
600
650
700
750
INPUT VOLTAGE(V)
0.2 0.4 0.6 0.8
1
1.2 1.4 1.6
0
0.3
0.6
0.9
1.2
1.5
-0.12
-0.10
-0.08
-0.06
-0.04
-0.02
0.00
0.02
0.04
0.06
0.08
2.5
3 3.5
4 4.5
5 5.5
6
IOUT=0.75A
IOUT=1.5A
IOUT=0A
2
2.5
3
3.5
4
4.5
40
50
60
70
80
90
100
-0.20
-0.15
-0.10
-0.05
0.00
0.05
0.10
0.15
0.20
-0.20
-0.15
-0.10
-0.05
0.00
0.05
0.10
0.15
0.20
-0.20
-0.15
-0.10
-0.05
0.00
0.05
0.10
0.15
0.20
Load Regulation
VIN=5V
OUTPUT CURRENT (A)
0
0.3
0.6
0.9
1.2
1.5
Load Regulation
VIN=6V
OUTPUT CURRENT (A)
0
0.3
0.6
0.9
1.2
1.5



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com