Electronic Components Datasheet Search
  English  ▼

X  

IR2136STRPBF Datasheet(PDF) 3 Page - International Rectifier

Part # IR2136STRPBF
Description  3-PHASE BRIDGE DRIVER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2136STRPBF Datasheet(HTML) 3 Page - International Rectifier

  IR2136STRPBF Datasheet HTML 1Page - International Rectifier IR2136STRPBF Datasheet HTML 2Page - International Rectifier IR2136STRPBF Datasheet HTML 3Page - International Rectifier IR2136STRPBF Datasheet HTML 4Page - International Rectifier IR2136STRPBF Datasheet HTML 5Page - International Rectifier IR2136STRPBF Datasheet HTML 6Page - International Rectifier IR2136STRPBF Datasheet HTML 7Page - International Rectifier IR2136STRPBF Datasheet HTML 8Page - International Rectifier IR2136STRPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
www.irf.com
3
IR213(6,62,63,65,66,67,68)(J&S) & PbF
Recommended Operating Conditions - (Continued)
The input/output logic-timing diagram is shown in Fig. 1. For proper operation the device should be used within the
recommended conditions. All voltage parameters are absolute referenced to COM. The VS offset ratings are tested
with all supplies biased at a 15 V differential.
Symbol
Definition
Min
Max
Units
VITRIP
ITRIP input voltage
VSS
VSS + 5
VIN
Logic input voltage LIN, HIN (IR213(6,63,65,66,67,68)),
HIN (IR21362), EN
VSS
VSS + 5
V
TA
Ambient temperature
-40
125
°C
Note 2:
All input pins and the ITRIP and EN pins are internally clamped with a 5.2 V zener diode.
Static Electrical Characteristics
VBIAS (VCC,VBS1,2,3) = 15 V unless otherwise specified. The VIN, VTH, and IIN parameters are referenced to VSS and are
applicable to all six channels (HIN1,2,3 and LIN1,2,3). The VO and IO parameters are referenced to COM and VS1,2,3
and are applicable to the respective output leads: HO1,2,3 and LO1,2,3.
Symbol
Definition
Min
Typ
Max Units Test Conditions
Logic “0” input voltage LIN1,2,3, HIN1,2,3
IR213(6,63,65)
Logic “1” input voltage HIN1,2,3 IR21362
3.0
—
—
VIH
Logic “0” input voltage LIN1,2,3, HIN1,2,3
IR213(66,67,68)
2.5
—
—
Logic “1” input Voltage LIN1,2,3, HIN1,2,3
IR213(6,63,65)
Logic “0” input voltage HIN1,2,3 IR21362
VIL
Logic “0” input voltage LIN1,2,3, HIN1,2,3
IR213(66,67,68)
—
—
0.8
VEN,TH+
Enable positive going threshold
—
—
3
VEN,TH-
Enable negative going threshold
0.8
—
—
IR2136(2)(3)(6)
0.37 0.46
0.55
VIT,TH+
ITRIP positive going
threshold
IR21365(7)(8)
3.85 4.30
4.75
IR2136(2)(3)(6)
—
0.07
—
VIT,HYS
ITRIP input hysteresis
IR21365(7)(8)
—
.15
—
VRCIN, TH+
RCIN positive going threshold
—
8
—
VRCIN, HYS
RCIN input hysteresis
—
3
—
VOH
High level output voltage, VBIAS - VO
—
0.9
1.4
VOL
Low level output voltage, VO
—
0.4
0.6
Io = 20 mA
IR2136(8)
8.0
8.9
9.8
IR21362
9.6
10.4
11.2
VCCUV+
VBSUV+
VCC and VBS supply
undervoltage positive going
threshold
IR21363(5)(6)(7) 10.6 11.1
11.6
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com