Electronic Components Datasheet Search
  English  ▼

X  

MP2128DG Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP2128DG
Description  2.5V-6V Input, 3MHz, 1A Synchronous Step-Down Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2128DG Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP2128DG Datasheet HTML 1Page - Monolithic Power Systems MP2128DG Datasheet HTML 2Page - Monolithic Power Systems MP2128DG Datasheet HTML 3Page - Monolithic Power Systems MP2128DG Datasheet HTML 4Page - Monolithic Power Systems MP2128DG Datasheet HTML 5Page - Monolithic Power Systems MP2128DG Datasheet HTML 6Page - Monolithic Power Systems MP2128DG Datasheet HTML 7Page - Monolithic Power Systems MP2128DG Datasheet HTML 8Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MP2128 – 3MHz, 1A SYNCHRONOUS STEP-DOWN CONVERTER
MP2128 Rev. 0.9
www.MonolithicPower.com
4
7/20/2009
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2009 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VIN=6V, VOUT=1.8V, L=1.2µH, C2=10µF, TA=25°C, unless otherwise noted.
VEN
5V/div.
VOUT
1V/div.
VSW
5V/div.
IINDUCTOR
1A/div.
VEN
5V/div.
VOUT
1V/div.
VSW
5V/div.
IINDUCTOR
1A/div.
VEN
5V/div.
VOUT
1V/div.
VSW
5V/div.
IINDUCTOR
1A/div.
VOUT/AC
20mV/div.
VSW
5V/div.
IINDUCTOR
1A/div.
VOUT/AC
20mV/div.
VSW
5V/div.
IINDUCTOR
1A/div.
200ns/div.
200ns/div.
2s/div.
Load Transient
Load Step: 100mA-400mA,
VIN=4.2V, VOUT=3.4V
Efficiency vs. Load Current
LOAD CURRENT ( mA )
Steady State Operation
IOUT=0A
Start-up Through Enable
IOUT=0A
Start-up Through Enable
IOUT=1A
Power-down Through Enable
IOUT=0A
VEN
5V/div.
VOUT
1V/div.
VSW
5V/div.
IINDUCTOR
1A/div.
1ms/div.
Power-down Through Enable
IOUT=1A
Steady State Operation
IOUT=1A
70
75
80
85
90
95
0 100 200 300 400 500 600 700 800 9001000
4.2V to 3.4V
3.3V to 1.8V
5V to 3.4V
VOUT/AC
100mV/div.
ILOAD
200mA/div.
IINDUCTOR
200mA/div.
VOUT/AC
50mV/div.
IINDUCTOR
500mA/div.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com