Electronic Components Datasheet Search
  English  ▼

X  

LM5010 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LM5010
Description  High-Voltage 1-A Step-Down Switching Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5010 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM5010 Datasheet HTML 7Page - Texas Instruments LM5010 Datasheet HTML 8Page - Texas Instruments LM5010 Datasheet HTML 9Page - Texas Instruments LM5010 Datasheet HTML 10Page - Texas Instruments LM5010 Datasheet HTML 11Page - Texas Instruments LM5010 Datasheet HTML 12Page - Texas Instruments LM5010 Datasheet HTML 13Page - Texas Instruments LM5010 Datasheet HTML 14Page - Texas Instruments LM5010 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Threshold
IPK
'I
IOCL
IO
Load Current
Increases
Normal Operation
Current Limited
LM5010
www.ti.com
SNVS307F – SEPTEMBER 2004 – REVISED FEBRUARY 2013
Figure 12. Inductor Current - Current Limit Operation
The current limit threshold can be increased by connecting an external resistor (RCL) between SGND and ISEN. The
external resistor typically is less than 1
Ω, and its calculation is explained in the Applications Information section.
The peak current out of SW and ISEN must not exceed 3.5A. The average current out of SW must be less than
3A, and the average current out of ISEN must be less than 2A.
N-Channel Buck Switch and Driver
The LM5010 integrates an N-Channel buck switch and associated floating high voltage gate driver. The peak
current through the buck switch must not be allowed to exceed 3.5A, and the average current must be less than
3A. The gate driver circuit is powered by the external bootstrap capacitor between BST and SW (C4). During
each off-time, the SW pin is at approximately -1V, and C4 is re-charged from VCC through the internal high
voltage diode. The minimum off-time of 265 ns ensures a minimum time each cycle to recharge the bootstrap
capacitor. A 0.022 µF ceramic capacitor is recommended for C4.
Soft Start
The soft start feature allows the converter to gradually reach a steady state operating point, thereby reducing
startup stresses and current surges. Upon turn-on, after VCC reaches the under-voltage threshold (t1 in Figure 8),
an internal 11.5 µA current source charges the external capacitor at the Softstart pin to 2.5V (t2 in Figure 8). The
ramping voltage at SS (and at the non-inverting input of the regulation comparator) ramps up the output voltage
in a controlled manner. This feature keeps the load current from going to current limit during startup, thereby
reducing inrush currents.
An internal switch grounds the Softstart pin if VCC is below the under-voltage lockout threshold, if a thermal
shutdown occurs, or if the circuit is shutdown using the RON/SD pin.
Thermal Shutdown
The LM5010 should be operated so the junction temperature does not exceed 125°C. If the junction temperature
increases above that, an internal Thermal Shutdown circuit activates (typically) at 175°C, taking the controller to
a low power reset state by disabling the buck switch and the on-timer, and grounding the Softstart pin. This
feature helps prevent catastrophic failures from accidental device overheating. When the junction temperature
reduces below 155°C (typical hysteresis = 20°C), the Softstart pin is released and normal operation resumes.
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM5010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com