Electronic Components Datasheet Search
  English  ▼

X  

8906 Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # 8906
Description  BIDIRECTIONAL 3-PHASE BRUSHLESS DC MOTOR CONTROLLER/DRIVER WITH BACK-EMF SENSING
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

8906 Datasheet(HTML) 1 Page - Allegro MicroSystems

  8906 Datasheet HTML 1Page - Allegro MicroSystems 8906 Datasheet HTML 2Page - Allegro MicroSystems 8906 Datasheet HTML 3Page - Allegro MicroSystems 8906 Datasheet HTML 4Page - Allegro MicroSystems 8906 Datasheet HTML 5Page - Allegro MicroSystems 8906 Datasheet HTML 6Page - Allegro MicroSystems 8906 Datasheet HTML 7Page - Allegro MicroSystems 8906 Datasheet HTML 8Page - Allegro MicroSystems 8906 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Dwg. PP-040B
ABSOLUTE MAXIMUM RATINGS
at TA = +25
°C
Load Supply Voltage, VBB . . . . . . . . . . 14 V
Output Current, IOUT . . . . . . . . . . . .
±1.25 A
Logic Supply Voltage, VDD . . . . . . . . . 6.0 V
Logic Input Voltage Range,
VIN . . . . . . . . . . . -0.3 V to VDD + 0.3 V
Package Power Dissipation, PD
See Graph
Operating Temperature Range,
TA . . . . . . . . . . . . . . . . . . 0
°C to +70°C
Junction Temperature, TJ . . . . . . . +150
°C†
Storage Temperature Range,
TS . . . . . . . . . . . . . . .
-55
°C to +150°C
† Fault conditions that produce excessive junction
temperature will activate device thermal shutdown
circuitry. These conditions can be tolerated, but
should be avoided.
Output current rating may be restricted to a value
determined by system concerns and factors.
These include: system duty cycle and timing,
ambient temperature, and use of any heatsinking
and/or forced cooling. For reliable operation, the
specified maximum junction temperature should
not be exceeded.
Always order by complete part number, e.g., A8906CLB .
The A8906CLB is a bidirectional three-phase brushless dc motor
controller/driver. The three half-bridge outputs are low on-resistance n-
channel DMOS devices capable of driving up to 1 A. The A8906CLB
provides complete, reliable, self-contained back-EMF sensing motor
startup and running algorithms. A programmable digital frequency-
locked loop speed control circuit together with the linear current control
circuitry provides precise motor speed regulation.
A serial port allows the user to program various features and
modes of operation, such as the speed control parameters, rotational
direction, startup current limit, sleep mode, diagnostic modes, and
others.
The A8906CLB is fabricated in Allegro’s BCD (Bipolar CMOS
DMOS) process, an advanced mixed-signal technology that combines
bipolar, analog and digital CMOS, and DMOS power devices. The
A8906CLB is provided in a 24-lead wide-body SOIC batwing package.
It provides for the smallest possible construction in surface-mount
applications.
FEATURES
s DMOS Outputs
s Low
rDS(on)
s Startup Commutation Circuitry
s Back-EMF Commutation Circuitry
s Direction Control
s Serial Port Interface
s Frequency-Locked Loop Speed Control
s Sector Data Tachometer Signal Input
s Programmable Start-Up Current
s Diagnostics Mode
s Sleep Mode
s Linear Current Control
s Internal Current Sensing
s Dynamic Braking Through Serial Port
s Power-Down Dynamic Braking
s System Diagnostics Data Out
s Data Out Ported in Real Time
s Internal Thermal Shutdown Circuitry
BIDIRECTIONAL 3-PHASE BRUSHLESS DC MOTOR
CONTROLLER/DRIVER WITH BACK-EMF SENSING
1
2
3
4
5
6
7
8
9
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
BRAKE
FILTER
DATA IN
LOGIC
SUPPLY
GROUND
CHIP SELECT
CLOCK
RESET
GROUND
GROUND
GROUND
DD
V
C
ST
OUTA
OUTB
OUTC
C D1
BB
V
LOAD
SUPPLY
C WD
C D2
DATA OUT
SECTOR
DATA
CENTERTAP
OSCILLATOR
C RES
FLL
MUX
COMMUTATION
DELAY
BOOST
CHARGE
PUMP
8906
PRELIMINARY INFORMATION
(Subject to change without notice)
March 1, 1999


Similar Part No. - 8906

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8906 ETC2-8906 Datasheet
327Kb / 1P
LED SPACER MOUNTS
8906 ETC2-8906 Datasheet
327Kb / 1P
LED SPACER MOUNTS
8906 ETC2-8906 Datasheet
114Kb / 2P
LED SPACER MOUNTS
8906 ETC2-8906 Datasheet
338Kb / 1P
LED SPACER MOUNTS
8906 ETC2-8906 Datasheet
327Kb / 1P
LED SPACER MOUNTS
More results

Similar Description - 8906

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
2936-120 ALLEGRO-2936-120 Datasheet
211Kb / 10P
3-PHASE BRUSHLESS DC MOTOR CONTROLLER/DRIVER
8902A ALLEGRO-8902A Datasheet
156Kb / 12P
3-PHASE BRUSHLESS DC MOTOR CONTROLLER/DRIVER WITH BACK-EMF SENSING
8905 ALLEGRO-8905 Datasheet
163Kb / 12P
3-PHASE BRUSHLESS DC MOTOR CONTROLLER/DRIVER WITH BACK-EMF SENSING
8909 ALLEGRO-8909 Datasheet
63Kb / 2P
3-PHASE BRUSHLESS DC MOTOR CONTROLLER/DRIVER WITH BACK-EMF SENSING AND POWER DMOS OUTPUTS
April 3, 1995
A8904SLB ALLEGRO-A8904SLB Datasheet
1Mb / 18P
3-PHASE BRUSHLESS DC MOTOR CONTROLLER/DRIVER WITH BACK-EMF SENSING
8904 ALLEGRO-8904 Datasheet
737Kb / 18P
3-PHASE BRUSHLESS DC MOTOR CONTROLLER/DRIVER WITH BACK-EMF SENSING
2936-120 ALLEGRO-2936-120_02 Datasheet
146Kb / 10P
3-PHASE BRUSHLESS DC MOTOR CONTROLLER/DRIVER
logo
TRINAMIC Motion Control...
TMC603 TRINAMIC-TMC603_1 Datasheet
888Kb / 41P
Three phase motor driver with BLDC back EMF commutation hallFX??and current sensing
TMC603A TRINAMIC-TMC603A Datasheet
987Kb / 44P
Three phase motor driver with BLDC back EMF commutation hallFX??and current sensing
logo
Allegro MicroSystems
A8904SLBTR ALLEGRO-A8904SLBTR Datasheet
627Kb / 18P
3-Phase Brushless DC Motor Controller/Driver with Back EMF Sensing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com