Electronic Components Datasheet Search
  English  ▼

X  

8909 Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # 8909
Description  3-PHASE BRUSHLESS DC MOTOR CONTROLLER/DRIVER WITH BACK-EMF SENSING AND POWER DMOS OUTPUTS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

8909 Datasheet(HTML) 1 Page - Allegro MicroSystems

  8909 Datasheet HTML 1Page - Allegro MicroSystems 8909 Datasheet HTML 2Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
8909
3-PHASE BRUSHLESS DC MOTOR
CONTROLLER/DRIVER WITH BACK-EMF SENSING
AND POWER DMOS OUTPUTS
DISCONTINUED
PRODUCT
—
FOR
REFERENCE
ONL
Y
3-PHASE BRUSHLESS DC MOTOR
CONTROLLER/DRIVER WITH BACK-EMF SENSING
AND POWER DMOS OUTPUTS
The A8909CLB is a three-phase brushless, back-EMF sensing,
spindle-motor driver that integrates analog bipolar, analog and digital
CMOS control functions, and DMOS power outputs on a single mono-
lithic chip. It provides complete back-EMF sensing, commutation
control, and drive of a spindle motor, and provides for an orderly spin-
down in the event of supply-voltage removal. Energy for retracting the
heads is regenerated from the spinning motor, while a controlled delay
allows for a full retract before dynamic braking. The pulse-width
modulation system and power DMOS outputs provide control of high
currents with minimum power dissipation in the chip, and minimal
average power supply currrent.
The internal sensorless commutation algorithm is based on earlier
Allegro back-EMF sensing spindle-motor driver products that have
proven capability. This system features digital adaptive commutation
delay, programmable digital commutation timers, and minimal micro
overhead during startup. This results in enhanced resynchronization
during a power fault followed by a restart.
A serial peripheral interface provides control of programmable
features and mode switches. An onboard dc-to-dc converter provides
regulated boost voltage for both the high-side and sink-side gate-drive
circuits. This provides for optimal rDS(on) of sources and sinks, regard-
less of motor supply voltage (5 V or 12 V).
The A8909CLB is supplied in a 28-lead low-profile SOIC batwing
power package for surface-mount applications.
FEATURES
s 3 Half-Bridge DMOS Outputs with Low ON Resistance
s 5 V Logic Supply, 5 V or 12 V Motor Supply
s Back-EMF Sensing and Commutation Algorithm with
Digital Programmable Timing Functions
s Adaptive Adjustable Digital Commutation Delay
s DC-to-DC Boost Voltage Generator for Source and Sink Gate Drive
s PWM Current-Control Loop with Sink-Side Chopping
s Transconductance Error Amp. with External Compensation for
Average Supply Current Control Loop
s PWM Oscillator with External Frequency-Setting Components
s Current-Sense Amplifier
s Power-Down Brake with Delay Set by External RC
s Analog/Digital Multiplexer for Diagnostics and Testing
s Thermal Monitor Voltage Available on Multiplexer
1
2
3
4
5
9
10
11
12
13
14
15
16
17
18
19
20
23
24
25
26
27
28
VM
SUPPLY
VM
VICMD
OUT
ERRCAP
LDC
GND
GND
AMUX
LOAD
CLOCK
V BL
V
BH
OSC R
OSCC
C TAP
OUT
BRAKE
FCOM
OUTB
GND
V
DD
R SENSE
BKDELAY
SCLK
DATA
EXCOMM
7
22
21
8
6
A
C
GND
Dwg. PP-063
TM
MicroSystems, Inc.
TM
A
A
ADVANCE INFORMATION DATA SHEET
(Subject to change without notice)
April 3, 1995
8909


Similar Part No. - 8909

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8909 ETC2-8909 Datasheet
327Kb / 1P
LED SPACER MOUNTS
8909 ETC2-8909 Datasheet
327Kb / 1P
LED SPACER MOUNTS
8909 ETC2-8909 Datasheet
114Kb / 2P
LED SPACER MOUNTS
8909 ETC2-8909 Datasheet
338Kb / 1P
LED SPACER MOUNTS
8909 ETC2-8909 Datasheet
327Kb / 1P
LED SPACER MOUNTS
More results

Similar Description - 8909

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
8902A ALLEGRO-8902A Datasheet
156Kb / 12P
3-PHASE BRUSHLESS DC MOTOR CONTROLLER/DRIVER WITH BACK-EMF SENSING
8905 ALLEGRO-8905 Datasheet
163Kb / 12P
3-PHASE BRUSHLESS DC MOTOR CONTROLLER/DRIVER WITH BACK-EMF SENSING
8906 ALLEGRO-8906 Datasheet
159Kb / 12P
BIDIRECTIONAL 3-PHASE BRUSHLESS DC MOTOR CONTROLLER/DRIVER WITH BACK-EMF SENSING
March 1, 1999
8925 ALLEGRO-8925 Datasheet
86Kb / 8P
3-PHASE BRUSHLESS DC MOTOR CONTROLLER/DRIVER WITH LINEAR CURRENT CONTROL AND POWER DMOS OUTPUTS
A8904SLB ALLEGRO-A8904SLB Datasheet
1Mb / 18P
3-PHASE BRUSHLESS DC MOTOR CONTROLLER/DRIVER WITH BACK-EMF SENSING
8904 ALLEGRO-8904 Datasheet
737Kb / 18P
3-PHASE BRUSHLESS DC MOTOR CONTROLLER/DRIVER WITH BACK-EMF SENSING
logo
TRINAMIC Motion Control...
TMC603 TRINAMIC-TMC603_1 Datasheet
888Kb / 41P
Three phase motor driver with BLDC back EMF commutation hallFX??and current sensing
TMC603A TRINAMIC-TMC603A Datasheet
987Kb / 44P
Three phase motor driver with BLDC back EMF commutation hallFX??and current sensing
logo
STMicroelectronics
L6235PD013TR STMICROELECTRONICS-L6235PD013TR Datasheet
690Kb / 35P
DMOS driver for 3-phase brushless DC motor
03-Mar-2014
logo
Allegro MicroSystems
A8904SLBTR ALLEGRO-A8904SLBTR Datasheet
627Kb / 18P
3-Phase Brushless DC Motor Controller/Driver with Back EMF Sensing
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com