Electronic Components Datasheet Search
  English  ▼

X  

A8232SLM Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # A8232SLM
Description  LOW-DROPOUT REGULATORS . HIGH EFFICIENCY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A8232SLM Datasheet(HTML) 3 Page - Allegro MicroSystems

  A8232SLM Datasheet HTML 1Page - Allegro MicroSystems A8232SLM Datasheet HTML 2Page - Allegro MicroSystems A8232SLM Datasheet HTML 3Page - Allegro MicroSystems A8232SLM Datasheet HTML 4Page - Allegro MicroSystems A8232SLM Datasheet HTML 5Page - Allegro MicroSystems A8232SLM Datasheet HTML 6Page - Allegro MicroSystems A8232SLM Datasheet HTML 7Page - Allegro MicroSystems A8232SLM Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
8226 THRU 8233
LOW-DROPOUT
REGULATORS
www.allegromicro.com
ELECTRICAL CHARACTERISTICS at T
A = +25°C, VE ≥ 2.0 V (unless otherwise noted).
Limits
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Output Voltage
V
O
4 V
≤ V
I ≤ 7 V, 10 µA ≤ IO ≤ 50 mA*
-0.05
0.00
+0.05
V
(reference specified V
O(nom))
V
I = VO(nom), IO = 50 mA
—
—
-0.25
V
Output Volt. Temp. Coeff.
a
VO
V
I = 6 V, IO = 10 mA, TJ ≤ 125°C
—
-0.20
—
mV/
°C
Line Regulation
∆V
O(
∆VI)
4 V
≤ V
I ≤ 7 V, IO = 1 mA
—
3.0
10
mV
Load Regulation
∆V
O(
∆IO)
1 mA
≤ I
O ≤ 50 mA*, 4 V ≤ VI ≤ 7 V
—
—
20
mV
Dropout Voltage
V
Imin - VO
I
O = 50 mA
—
125
250
mV
Ground Terminal Current
I
GND
V
I < 7 V, IO ≤ 50 mA
—
32
45
µA
I
Q
V
I ≤ 7 V, VE ≤ 0.8 V, IO = 0 mA
—
—
1.0
µA
ENABLE Input Voltage
V
EH
4 V
≤ V
I ≤ 7 V, Output ON
2.0
—
—
V
V
EL
4 V
≤ V
I ≤ 7 V, Output OFF
—
—
0.8
V
ENABLE Input Current
I
E
V
E = VI = 7 V
—
—
±1.0
µA
Rejection Ratio
PSRR
V
I = VO(nom) + 1.5 V, Vi = 100 mV, IO = 10 mA,
f = 1 kHz
—
70
—
dB
f = 10 kHz
—
52
—
dB
Output Noise
e
n
10 Hz
≤ f ≤ 100 kHz, I
O = 10 mA, CO = 10 µF
—
0.5
—
µV/√Hz
Typical values are at T
A = +25°C and are given for circuit design information only.
* Pulse test (
≤20 ms). See previous page for duty cycle limitations.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com