Electronic Components Datasheet Search
  English  ▼

X  

MP2209 Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP2209
Description  16V, 2A, 600kHz Synchronous Step-Down Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2209 Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP2209 Datasheet HTML 4Page - Monolithic Power Systems MP2209 Datasheet HTML 5Page - Monolithic Power Systems MP2209 Datasheet HTML 6Page - Monolithic Power Systems MP2209 Datasheet HTML 7Page - Monolithic Power Systems MP2209 Datasheet HTML 8Page - Monolithic Power Systems MP2209 Datasheet HTML 9Page - Monolithic Power Systems MP2209 Datasheet HTML 10Page - Monolithic Power Systems MP2209 Datasheet HTML 11Page - Monolithic Power Systems MP2209 Datasheet HTML 12Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
MP2209 – 16V, 2A, 600KHz SYNCHRONOUS STEP-DOWN CONVERTER
MP2209 Rev. 1.01
www.MonolithicPower.com
10
7/11/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
APPLICATION INFORMATION
Setting the Output Voltage
The external resistor divider sets the output
voltage (see Figure 1). The feedback resistor R1
also sets the feedback loop bandwidth with the
internal compensation network (see Figure 1).
The relation between R1 and feedback loop
bandwidth (fC), output capacitance (CO) is as
follows:
6
CO
1.24 10
R1(K )
f(KHz) C (uF)
×
Ω=
×
The recommended feedback loop bandwidth (fC)
is no higher than 1/10th of switching frequency of
MP2209. In the case of ceramic capacitor as CO,
it’s usually set to be in the range of 30KHz and
50KHz for optimal transient performance and
good phase margin. If electrolytic capacitor is
used, the recommended loop bandwidth is no
higher than 1/4th of the ESR zero frequency (fESR).
fESR is given by:
ESR
ESR
O
1
f
2R
C
=
π×
×
For example, choose fC=50KHz with ceramic
capacitor, CO=47uF, R1 is estimated to be
523KΩ. R2 is then given by:
OUT
R1
R2
V
1
0.8V
=
−
Table 1—Resistor Selection vs. Output
Voltage Setting
VOUT
(V)
R1
(kΩ)
R2
(kΩ)
L (μH)
COUT
(ceramic)
1.2
499
1000
1μH-4.7μH
47μF
1.5
499
562
1μH-4.7μH
47μF
1.8
499
402
1μH-4.7μH
47μF
3.3
499
158
1μH-4.7μH
47μF
5
499
95.3
1μH-4.7μH
47μF
Table 2—Suggested Surface Mount Inductors
Manufacturer
Part Number
Inductance
(μH)
Max
DCR
(mΩ)
Current
Rating (A)
Dimensions L x W x
H (mm3)
TOKO
FDA1055-3R3M
3.3
7.3
11.7
10.8x11.6x5.5
Wurth Electronics
744314330
3.3
9.6
8
7x6.9x5
TDK
ULF100457-3R3N6R9
3.3
11.6
7.5
10x9.7x4.5
Selecting the Inductor
A 1μH to 4.7μH inductor with DC current rating at
least 25% higher than the maximum load current
is recommended for most applications. For best
efficiency, the inductor DC resistance shall be
<10mΩ. See Table 2 for recommended inductors
and manufacturers. For most designs, the
inductance value can be derived from the
following equation:
OUT
IN
OUT
IN
L
OSC
Vx(V
V
)
L
Vx I xf
−
=
Δ
where ΔIL is Inductor Ripple Current. Choose
inductor ripple current approximately 30% of the
maximum load current, 2A. The maximum
inductor peak current is
L
L(MAX)
LOAD
I
II
2
Δ
=+
Under light load conditions, larger inductance is
recommended for improved efficiency
Input Capacitor Selection
The input capacitor reduces the surge current
drawn from the input and switching noise from
the device. The input capacitor impedance at the
switching frequency shall be less than input
source impedance to prevent high frequency
switching current passing to the input. Ceramic
capacitors with X5R or X7R dielectrics are highly
recommended because of their low ESR and
small
temperature
coefficients.
For
most
applications, a 47μF capacitor is sufficient.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com