Electronic Components Datasheet Search
  English  ▼

X  

MP2209DL Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP2209DL
Description  16V, 2A, 600kHz Synchronous Step-Down Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2209DL Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP2209DL Datasheet HTML 1Page - Monolithic Power Systems MP2209DL Datasheet HTML 2Page - Monolithic Power Systems MP2209DL Datasheet HTML 3Page - Monolithic Power Systems MP2209DL Datasheet HTML 4Page - Monolithic Power Systems MP2209DL Datasheet HTML 5Page - Monolithic Power Systems MP2209DL Datasheet HTML 6Page - Monolithic Power Systems MP2209DL Datasheet HTML 7Page - Monolithic Power Systems MP2209DL Datasheet HTML 8Page - Monolithic Power Systems MP2209DL Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MP2209 – 16V, 2A, 600KHz SYNCHRONOUS STEP-DOWN CONVERTER
MP2209 Rev. 1.01
www.MonolithicPower.com
4
7/11/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1, 3,
12
PGND,
AGND,
Exposed Pad
Ground. Connect these pins with larger copper areas to the negative terminals of the
input and output capacitors.
Connect exposed pad to GND plane for proper thermal performance.
2
SS
Soft-Start Input. Place a capacitor from SS to AGND. The SS pin sources 5μA. As the
SS voltage rises, the feedback threshold voltage increases to limit the inrush current
during start-up. Do not leave this pin open.
4, 11
SW
Switch Node Connection to the Inductor. These pins connect to the internal high and low-
side power MOSFET switches. All SW pins must be connected together externally.
5, 10
IN
Input Supply. This supplies power to the high side switch. A decoupling capacitor to
ground is required close to this pin to reduce switching spikes.
6
N/C
No Connect.
7
BS
Bootstrap. A capacitor between this pin and SW provides a floating supply for the high-
side gate driver.
8
VCC
Bias Supply. This supplies power to both the internal control circuit and the gate drivers.
A decoupling capacitor to ground is required close to this pin.
9
POK
Power Okay Pin. Open drain power Good output. “HIGH” input indicates VOUT is within
±10% window, “LOW” output indicates VOUT is out of ±10% window.
13
EN/SYNC
Enable and Frequency Synchronization Input Pin. Forcing this pin below 0.4V shuts
down the part. Forcing this pin above 1.6V turns on the part. Applying a 500kHz to 2MHz
clock signal to this pin synchronizes the internal oscillator frequency to the external
source.
14
FB
Feedback. This is the input to the error amplifier. An external resistive divider connected
between the output and GND is compared to the internal 0.8V reference to set the
regulation voltage. Don’t apply a voltage more than VCC to this pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com