Electronic Components Datasheet Search
  English  ▼

X  

8920 Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # 8920
Description  DUAL SCHOTTKY DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

8920 Datasheet(HTML) 2 Page - Allegro MicroSystems

  8920 Datasheet HTML 1Page - Allegro MicroSystems 8920 Datasheet HTML 2Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
8920
DUAL SCHOTTKY DIODE
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
ELECTRICAL CHARACTERISTICS at TA= +25°C (unless otherwise specified).
Limits
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Reverse Breakdown Voltage
V(BR)
IR = 100 µA20
—
—
V
Reverse Leakage Current
IR
VR = 10 V
—
1.6
20
µA
Forward Voltage
VF
IF = 50 mA
—
346
400
mV
IF = 150 mA
—
440
500
mV
Junction Capacitance
CT
VR = 0 V, f = 1 MHz
—
370
—
pF
Reverse Recovery Time
trr
IF = IR = 100 mA
—
32
—
ns
TYPICAL CHARACTERISTICS
W
Copyright © 1991, 1995, Allegro MicroSystems, Inc.
Allegro MicroSystems, Inc. reserves the right to make, from time to
time, such departures from the detail specifications as may be required
to permit improvements in the design of its products.
The information included herein is believed to be accurate and
reliable. However, Allegro MicroSystems, Inc. assumes no responsibil-
ity for its use; nor for any infringements of patents or other rights of third
parties which may result from its use.
0
5.0
10
1.0
3.0
REVERSE VOLTAGE IN VOLTS
10
0.1
Dwg. GD-004
0.3
15
20
T = 0
°C
A
T = +75
°C
A
T = +25
°C
A
30
100
0.1
1.0
10
300
400
FORWARD CURRENT IN mA
500
100
Dwg. GD-003
600
200
100
1 k
TA = +25
°C
TA = 0
°C
TA = +75
°C
50
75
100
125
150
100
0
AMBIENT TEMPERATURE IN
°C
250
200
150
25
Dwg. GD-002
50
R
= 575
°C/W
θJA



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com