Electronic Components Datasheet Search
  English  ▼

X  

MP2227DQ Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP2227DQ
Description  24V, 3A, 1.3MHz Synchronous Step-Down Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2227DQ Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP2227DQ Datasheet HTML 2Page - Monolithic Power Systems MP2227DQ Datasheet HTML 3Page - Monolithic Power Systems MP2227DQ Datasheet HTML 4Page - Monolithic Power Systems MP2227DQ Datasheet HTML 5Page - Monolithic Power Systems MP2227DQ Datasheet HTML 6Page - Monolithic Power Systems MP2227DQ Datasheet HTML 7Page - Monolithic Power Systems MP2227DQ Datasheet HTML 8Page - Monolithic Power Systems MP2227DQ Datasheet HTML 9Page - Monolithic Power Systems MP2227DQ Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
MP2227 – 24V, 3A, 1.3MHz SYNCHRONOUS STEP-DOWN CONVERTER
MP2227 Rev. 1.1
www.MonolithicPower.com
6
11/21/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VIN = 12V, VOUT = 1.8V, C1A = 22μF, C2A = C2B = 22μF, L = 1.5µH, TA = +25ºC, unless otherwise
noted.
VSYS
5V/div.
VSW
10V/div.
VOUT
2V/div.
IL
2A/div.
VSYS
20V/div.
VSW
20V/div.
VOUT
2V/div.
IL
2A/div.
VEN
2V/div.
VPG
5V/div.
VOUT
5V/div.
IL
2A/div.
VEN
2V/div.
VPG
5V/div.
VOUT
5V/div.
IL
2A/div.
VSYS
10V/div.
VOUT
20V/div.
VOUT
1V/div.
IOUT
2A/div.
VSYS
10V/div.
VSW
10V/div.
VOUT
1V/div.
IL
2A/div.
VSYS
10V/div.
VSW
10V/div.
VOUT
1V/div.
IL
2A/div.
Steady State
VSYS = 5V, VEN put to VIN,
VOUT= 3.3V, IOUT = 3A
Power Ramp Up
VIN = 12V, VEN put to VIN,
VOUT = 1.8V, IOUT = 2A
Power Ramp Down
VIN = 12V, VEN put to VIN,
VOUT = 1.8V, IOUT = 2A
Steady State
VIN = 26V, VEN put to VIN,
VOUT = 3.3V, IOUT = 3A
Enable Up
VIN = 12V, VEN = 0-3V,
VOUT = 5V, IOUT = 3A, Resistor Load
Enable Down
VIN = 12V, VEN = 3-0V,
VOUT = 5V, IOUT = 3A, Resistor Load
Transient Response
VIN = 18V, VIN,VOUT = 1.8V, IOUT = 3A
IL
2A/div.
VOUT
1V/div.
IL
2A/div.
Short Circuit
VIN = 18V, VEN put to VIN, VOUT = 1.8V
Short Circuit Recovery
VIN = 18V, VEN put to VIN, VOUT = 1.8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com