Electronic Components Datasheet Search
  English  ▼

X  

LPV324M Datasheet(PDF) 12 Page - Texas Instruments

Part # LPV324M
Description  LPV321-N Single/LPV358 Dual/LPV324 Quad General Purpose, Low Voltage, Low Power,
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LPV324M Datasheet(HTML) 12 Page - Texas Instruments

Back Button LPV324M Datasheet HTML 8Page - Texas Instruments LPV324M Datasheet HTML 9Page - Texas Instruments LPV324M Datasheet HTML 10Page - Texas Instruments LPV324M Datasheet HTML 11Page - Texas Instruments LPV324M Datasheet HTML 12Page - Texas Instruments LPV324M Datasheet HTML 13Page - Texas Instruments LPV324M Datasheet HTML 14Page - Texas Instruments LPV324M Datasheet HTML 15Page - Texas Instruments LPV324M Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
LPV321, LPV324-N, LPV358-N
SNOS413D – AUGUST 2000 – REVISED MARCH 2013
www.ti.com
In Figure 40, the isolation resistor RISO and the load capacitor CL form a pole to increase stability by adding more
phase margin to the overall system. The desired performance depends on the value of RISO. The bigger the RISO
resistor value, the more stable VOUT will be. Figure 41 is an output waveform of Figure 40 using 100 kΩ for RISO
and 1000 pF for CL.
Figure 41. Pulse Response of the LPV324 Circuit in Figure 40
The circuit in Figure 42 is an improvement to the one in Figure 40 because it provides DC accuracy as well as
AC stability. If there were a load resistor in Figure 40, the output would be voltage divided by RISO and the load
resistor. Instead, in Figure 42, RF provides the DC accuracy by using feed-forward techniques to connect VIN to
RL. Caution is needed in choosing the value of RF due to the input bias current of the LPV321-N/358/324. CF and
RISO serve to counteract the loss of phase margin by feeding the high frequency component of the output signal
back to the amplifier's inverting input, thereby preserving phase margin in the overall feedback loop. Increased
capacitive drive is possible by increasing the value of CF. This in turn will slow down the pulse response.
Figure 42. Indirectly Driving A Capacitive Load with DC Accuracy
Input Bias Current Cancellation
The LPV321-N/358/324 family has a bipolar input stage. The typical input bias current of LPV321-N/358/324 is
1.5 nA with 5V supply. Thus a 100 k
Ω input resistor will cause 0.15 mV of error voltage. By balancing the resistor
values at both inverting and non-inverting inputs, the error caused by the amplifier's input bias current will be
reduced. The circuit in Figure 43 shows how to cancel the error caused by input bias current.
Figure 43. Cancelling the Error Caused by Input Bias Current
12
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LPV321 LPV324-N LPV358-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com