Electronic Components Datasheet Search
  English  ▼

X  

STL11N4LLF5 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STL11N4LLF5
Description  N-channel 40 V, 9.1 m typ., 15 A STripFETV Power MOSFET in a PowerFLAT 3.3 x 3.3 package
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL11N4LLF5 Datasheet(HTML) 1 Page - STMicroelectronics

  STL11N4LLF5 Datasheet HTML 1Page - STMicroelectronics STL11N4LLF5 Datasheet HTML 2Page - STMicroelectronics STL11N4LLF5 Datasheet HTML 3Page - STMicroelectronics STL11N4LLF5 Datasheet HTML 4Page - STMicroelectronics STL11N4LLF5 Datasheet HTML 5Page - STMicroelectronics STL11N4LLF5 Datasheet HTML 6Page - STMicroelectronics STL11N4LLF5 Datasheet HTML 7Page - STMicroelectronics STL11N4LLF5 Datasheet HTML 8Page - STMicroelectronics STL11N4LLF5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
This is information on a product in full production.
February 2013
Doc ID 024286 Rev 1
1/14
14
STL11N4LLF5
N-channel 40 V, 9.1 m
Ω typ., 15 A STripFET™V Power MOSFET
in a
PowerFLAT™ 3.3 x 3.3 package
Datasheet
− production data
Features
■ Low gate charge
■ Very low on-resistance
■ High avalance ruggedeness
Applications
■ Switching applications
Description
This device is an N-channel Power MOSFET
developed using STMicroelectronics’
STripFET™V technology. The device has been
optimized to achieve very low on-state resistance,
contributing to a FOM that is among the best in its
class.
Figure 1.
Internal schematic diagram
Order code
VDS
RDS(on) max
ID
STL11N4LLF5
40 V
9.7 m
Ω
15 A
PowerFLAT™ 3.3x3.3
Table 1.
Device summary
Order code
Marking
Package
Packaging
STL11N4LLF5
11N4LLF5
PowerFLAT™ 3.3 x 3.3
Tape and reel
www.st.com


Similar Part No. - STL11N4LLF5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL11N3LLH6 STMICROELECTRONICS-STL11N3LLH6 Datasheet
1Mb / 14P
N-channel 30 V, 0.006 typ., 11 A STripFET VI DeepGATE Power MOSFET in a PowerFLAT 3.3 x 3.3 package
23-May-2013
STL11N60M2-EP STMICROELECTRONICS-STL11N60M2-EP Datasheet
618Kb / 15P
N-channel 600 V, 0.600 Ω typ., 5.5 A MDmesh™ M2 EP Power MOSFET in a PowerFLAT™ 5x6 HV package
26-Apr-2018
STL11N65M5 STMICROELECTRONICS-STL11N65M5 Datasheet
1Mb / 14P
N-channel 650 V, 0.475 Ω typ., 8.5 A MDmesh™ M5 Power MOSFET in a PowerFLAT™ 5x5 package
October 2014 Rev 2
STL11N6F7 STMICROELECTRONICS-STL11N6F7 Datasheet
658Kb / 13P
High avalanche ruggedness
17-Nov-2015
More results

Similar Description - STL11N4LLF5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL15N3LLH5 STMICROELECTRONICS-STL15N3LLH5 Datasheet
157Kb / 10P
N-channel 30 V, 0.0045 Ω, 15 A, PowerFLAT??(3.3 x 3.3) STripFET™V Power MOSFET
25-Aug-2008
STL56N3LLH5 STMICROELECTRONICS-STL56N3LLH5 Datasheet
910Kb / 16P
N-channel 30 V, 0.0076 typ., 15 A STripFET V Power MOSFET in a PowerFLAT 5x6 package
13-Feb-2013
STL11N3LLH6 STMICROELECTRONICS-STL11N3LLH6 Datasheet
1Mb / 14P
N-channel 30 V, 0.006 typ., 11 A STripFET VI DeepGATE Power MOSFET in a PowerFLAT 3.3 x 3.3 package
23-May-2013
STL16N1VH5 STMICROELECTRONICS-STL16N1VH5 Datasheet
852Kb / 14P
N-channel 12 V, 0.0022, 16 A, PowerFLAT (3.3 x 3.3) STripFET V Power MOSFET
21-Jun-2011
STL23NS3LLH7 STMICROELECTRONICS-STL23NS3LLH7 Datasheet
682Kb / 14P
N-channel 30 V, 0.0027 Ω typ., 23 A STripFET™ H7 Power MOSFET plus monolithic Schottky in a PowerFLAT™ 3.3 x 3.3
07-May-2015
STL8P4LLF6 STMICROELECTRONICS-STL8P4LLF6 Datasheet
372Kb / 14P
P-channel 40 V, 0.0175 Ω typ.,8 A, STripFET™ F6 Power MOSFET in a PowerFLAT™ 3.3 x 3.3 package
March 2015 Rev 2
STL12N3LLH5 STMICROELECTRONICS-STL12N3LLH5 Datasheet
453Kb / 11P
N-channel 30 V, 0.0079 Ω, 12 A, PowerFLAT™(3.3 x 3.3) STripFET™ V Power MOSFET
June 2011 Rev 1
STL100N6LF6 STMICROELECTRONICS-STL100N6LF6 Datasheet
2Mb / 15P
N-channel 60 V, 3.3 mΩ typ., 25 A STripFET™ VI DeepGATE™ Power MOSFET in a PowerFLAT™ 5x6 package
March 2014 Rev 3
STL260N4LF7 STMICROELECTRONICS-STL260N4LF7 Datasheet
847Kb / 15P
N-channel 40 V, 0.85 mΩ typ., 120 A STripFET F7 Power MOSFET in a PowerFLAT 5x6 package
Rev 5 - July 2019
logo
ON Semiconductor
NTMYS3D5N04C ONSEMI-NTMYS3D5N04C Datasheet
331Kb / 7P
MOSFET ??Power, Single, N-Channel 40 V, 3.3 m, 102 A
June, 2019-Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com