Electronic Components Datasheet Search
  English  ▼

X  

ATS612JSB Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # ATS612JSB
Description  DYNAMIC, SELF-CALIBRATING, PEAK-DETECTING, DIFFERENTIAL HALL-EFFECT GEAR-TOOTH SENSOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS612JSB Datasheet(HTML) 4 Page - Allegro MicroSystems

  ATS612JSB Datasheet HTML 1Page - Allegro MicroSystems ATS612JSB Datasheet HTML 2Page - Allegro MicroSystems ATS612JSB Datasheet HTML 3Page - Allegro MicroSystems ATS612JSB Datasheet HTML 4Page - Allegro MicroSystems ATS612JSB Datasheet HTML 5Page - Allegro MicroSystems ATS612JSB Datasheet HTML 6Page - Allegro MicroSystems ATS612JSB Datasheet HTML 7Page - Allegro MicroSystems ATS612JSB Datasheet HTML 8Page - Allegro MicroSystems ATS612JSB Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
ATS612JSB
DYNAMIC, SELF-CALIBRATING, PEAK-DETECTING,
DIFFERENTIAL HALL-EFFECT GEAR-TOOTH SENSOR
4
OPERATION over operating voltage and temperature range with reference target
(unless otherwise specified).
Limits
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Air Gap Range
AG
Operating,
0.4
–
2.5
mm
Target Speed > 20 RPM
Calibration Cycle
ncal
Output edges before which
1
1
1
Edge
calibration is completed*
Calibration Mode
ndis
Output falling edges for startup
64
64
64
Edges
Disable
calibration to be complete
Timing Accuracy
t
θ
Target Speed = 1000 RPM,
–
±0.5
±0.75
°
0.4 mm
≤ AG ≤ 2 mm
* Non-uniform magnetic profiles may require additional output pulses before calibration is completed.
Dwg. MH-016-2 mm
AIR GAP
D = 120 mm
o
TARGET
F (THICKNESS)
≥ 3 mm
E1
E2
SENSOR
SOUTH
NORTH
PERMANENT
MAGNET
POLE PIECE
1
2
3
4
SIGNATURE
TOOTH (1)
REFERENCE TARGET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com