Electronic Components Datasheet Search
  English  ▼

X  

BAS48 Datasheet(PDF) 1 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

Part # BAS48
Description  Schottky Barrier Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Direct Link  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

BAS48 Datasheet(HTML) 1 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

  BAS48 Datasheet HTML 1Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD BAS48 Datasheet HTML 2Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD BAS48 Datasheet HTML 3Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD BAS48 Datasheet HTML 4Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
WEJ
ELECTRONIC
CO.,LTD
Schottky Barrier Diode
Features
1.
High reliability
2.
Very low forward voltage
3.
Small surface mounting type
Applications
Applications where a very low forward voltage
is required
Absolute Maximum Ratings
Tj=25℃
Parameter
Test Conditions
Symbol
Value
Unit
Repetitive peak reverse voltage
VRRM
40
V
Forward continuous current
Tamb=25℃
IF
350
mA
Repetitive peak forward current
Tamb=25℃, tp 1 s
IFRM
1
A
Surge forward current
tp 10ms, Tamb=25℃
IFSM
7.5
A
Power dissipation
Tamb=65℃
Ptot
330
mW
Maximum junction temperature
Tj
125
℃
Ambient operating temperature range
TA
-65~+125
℃
Storage temperature range
Tstg
-65~+150
℃
Maximum Thermal Resistance
Tj=25℃
Parameter
Test Conditions
Symbol
Value
Unit
Junction ambient
on PC board 50mm×50mm×1.6mm
RthJA
300
℃/W
BAS48
Http:// www.wej.cn
E-mail:wej@yongerjia.com
WEJ ELECTRONIC CO.
RoHS


Similar Part No. - BAS48

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BAS48 MCC-BAS48 Datasheet
211Kb / 4P
350mA Schottky Barrier Rectifier 40 Volts
logo
PAIRUI GROUP INC.
BAS48-12V30 PAIRUI-BAS48-12V30 Datasheet
543Kb / 4P
DC-DC Converter
BAS48-18V25 PAIRUI-BAS48-18V25 Datasheet
543Kb / 4P
DC-DC Converter
BAS48-33V10 PAIRUI-BAS48-33V10 Datasheet
543Kb / 4P
DC-DC Converter
BAS48-33V15 PAIRUI-BAS48-33V15 Datasheet
543Kb / 4P
DC-DC Converter
More results

Similar Description - BAS48

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1PS74SB43 PHILIPS-1PS74SB43 Datasheet
49Kb / 8P
Schottky barrier diode
1999 Dec 10
1PS79SB62 PHILIPS-1PS79SB62 Datasheet
56Kb / 8P
Schottky barrier diode
2001 Jan 18
logo
Vishay Siliconix
BAS85 VISHAY-BAS85 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
BAS86 VISHAY-BAS86 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
logo
Diodes Incorporated
BAT46 DIODES-BAT46 Datasheet
49Kb / 1P
SCHOTTKY BARRIER DIODE
DS11002 Rev. E-2
SD103A DIODES-SD103A Datasheet
66Kb / 3P
SCHOTTKY BARRIER DIODE
DS11009 Rev. 11 - 2
logo
ON Semiconductor
NSR0230P2T5G ONSEMI-NSR0230P2T5G Datasheet
42Kb / 3P
Schottky Barrier Diode
October, 2006 ??Rev. 0
logo
Unisonic Technologies
RB520S30 UTC-RB520S30 Datasheet
38Kb / 3P
SCHOTTKY BARRIER DIODE
logo
Champion Microelectroni...
CMS-S060-060 CHAMP-CMS-S060-060 Datasheet
21Kb / 1P
SCHOTTKY BARRIER DIODE
logo
Shindengen Electric Mfg...
DF20NC15 SHINDENGEN-DF20NC15 Datasheet
641Kb / 2P
Schottky Barrier Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com