Electronic Components Datasheet Search
  English  ▼

X  

TS30012 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # TS30012
Description  High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 1MHz
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TS30012 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  TS30012 Datasheet HTML 1Page - List of Unclassifed Manufacturers TS30012 Datasheet HTML 2Page - List of Unclassifed Manufacturers TS30012 Datasheet HTML 3Page - List of Unclassifed Manufacturers TS30012 Datasheet HTML 4Page - List of Unclassifed Manufacturers TS30012 Datasheet HTML 5Page - List of Unclassifed Manufacturers TS30012 Datasheet HTML 6Page - List of Unclassifed Manufacturers TS30012 Datasheet HTML 7Page - List of Unclassifed Manufacturers TS30012 Datasheet HTML 8Page - List of Unclassifed Manufacturers TS30012 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
- 4 -
TS30011/12/13
Version 1.6
Specifications subject to change
WWW.TRIUNESYSTEMS.COM
Copyright © 2012, Triune Systems, LLC
ABSOLUTE MAXIMUM RATINGS
Over operating free–air temperature range unless otherwise noted(1, 2)
Parameter
Value
Unit
VCC
-0.3 to 26.4
(-0.3 to 20 for TS30013)
V
BST
-0.3 to (VCC+6)
V
VSW
-1 to 26.4
(-1 to 20 for TS30013)
V
EN, PG,FB
-0.3 to 6
V
Electrostatic Discharge – Human Body Model
+/-2k
V
Electrostatic Discharge – Charge Device Model
+/-500
V
Lead Temperature (soldering, 10 seconds)
260
C
(1) Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only and functional
operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to
absolute–maximum–rated conditions for extended periods may affect device reliability.
(2) All voltage values are with respect to network ground terminal.
THERMAL CHARACTERISTICS
Symbol
Parameter
Value
Unit
JA
Thermal Resistance Junction to Air (Note 1)
34.5
°C/W
JC
Thermal Resistance Junction to Case (Note 1)
2.5
°C/W
TSTG
Storage Temperature Range
-65 to 150
°C
TJ MAX
Maximum Junction Temperature
150
°C
TJ
Operating Junction Temperature Range
-40 to 125
°C
Note 1: Assumes 16LD 3x3 QFN with hi-K JEDEC board and 13.5 inch2 of 1 oz Cu and 4 thermal vias connected to PAD
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Typ
Max
Unit
VCC
Input Operating Voltage
4.5
12
24
(18 for TS30013)
V
CBST
Bootstrap Capacitor
17.6
22
26.4
nF
LOUT
Output Filter Inductor Typical Value (Note 1)
3.76
4.7
5.64
uH
COUT
Output Filter Capacitor Typical Value (Note 2)
33
44 (2 x 22)
uF
COUT-ESR
Output Filter Capacitor ESR
2
100
m
CBYPASS
Input Supply Bypass Capacitor Typical Value (Note 3)
8
10
uF
Note 1: For best performance, an inductor with a saturation current rating higher than the maximum VOUT load requirement plus the inductor current ripple.
Note 2: For best performance, a low ESR ceramic capacitor should be used.
Note 3: For best performance, a low ESR ceramic capacitor should be used. If CBYPASS is not a low ESR ceramic capacitor, a 0.1uF ceramic capacitor should be
added in parallel to CBYPASS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com