| Electronic Components Datasheet Search |
|
TS30021 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
TS30021 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers |
|
5 / 19 page ![]() TRIUNE SYSTEMS PROPRIETARY & CONFIDENTIAL INFORMATION - 5 - TS30021/22/23 Version 1.5 Specifications subject to change WWW.TRIUNESYSTEMS.COM Copyright © 2013, Triune Systems, LLC ELECTRICAL CHARACTERISTICS Electrical Characteristics, TJ = -40C to 125C, VCC = 12V (unless otherwise noted) Symbol Parameter Condition Min Typ Max Unit VCC Supply Voltage VCC Input Supply Voltage 4.5 16 V ICC-NORM Quiescent current Normal Mode VCC = 12V, ILOAD = 0A 5.2 mA ICC-NOSWITCH Quiescent current Normal Mode – Non-switching VCC=12V, ILOAD=0A, Non-switching 2.3 mA ICC-STBY Quiescent current Standby Mode VCC = 12V, EN = 0V 5 10 uA VCC Under Voltage Lockout VCC-UV Input Supply Under Voltage Threshold VCC Increasing 4.0 4.5 V VCC-UV_HYST Input Supply Under Voltage Threshold Hysteresis 650 mV OSC FOSC Oscillator Frequency 1.8 2 2.2 MHz PG Open Drain Output TPG PG Release Timer PG de-assert from low to high 150 ms IOH-PG High-Level Output Leakage VPG = 5V 0.5 uA VOL-PG Low-Level Output Voltage IPG = -0.3mA 0.01 V EN Input Voltage Thresholds VIH-EN High Level Input Voltage 2.2 V VIL-EN Low Level Input Voltage 0.8 V VHYST-EN Input Hysteresis 480 mV IIN-EN Input Leakage VEN=5V 3.5 uA VEN=0V 8.0 uA Thermal Shutdown TSD Thermal Shutdown Junction Temperature Note: not tested in production 150 170 °C TSDHYST TSD Hysteresis Note: not tested in production 10 °C |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |