| Electronic Components Datasheet Search |
|
TS30021 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
TS30021 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers |
|
13 / 19 page ![]() TRIUNE SYSTEMS PROPRIETARY & CONFIDENTIAL INFORMATION - 13 - TS30021/22/23 Version 1.5 Specifications subject to change WWW.TRIUNESYSTEMS.COM Copyright © 2013, Triune Systems, LLC TYPICAL APPLICATION SCHEMATIC VCC EN PG BST VSW FBSW FBLDO VOLDO Lout Cout VOUT CBST VOUT_LDO Cout_LDO PG RTOP RBOT (Optional) 10k W VOUT Adjustable Switcher Output VCC Cbypass EN RTOPSW RBOTSW VLDO VLDO Cbypass-LDO Figure 22: TS30021/22/23 Application Schematic A minimal schematic suitable for most applications is shown on page 1. Figure 22 includes optional components that may be considered to address specific issues as listed in the External Component Selection section. PCB LAYOUT For proper operation and minimum EMI, care must be taken during PCB layout. An improper layout can lead to issues such as poor stability and regulation, noise sensitivity and increased EMI radiation. The main guidelines are the following: provide low inductive and resistive paths for loops with high di/dt, provide low capacitive paths with respect to all the other nodes for traces with high di/dt, sensitive nodes not assigned to power transmission should be referenced to the analog signal ground (GND) and be always separated from the power ground (PGND). The negative ends of CBYPASS, COUT and the Schottky diode DCATCH (optional) should be placed close to each other and connected using a wide trace. Vias must be used to connect the PGND node to the ground plane. The PGND node must be placed as close as possible to the TS30021/22/23 PGND pins to avoid additional voltage drop in traces. The bypass capacitor CBYPASS (optionally paralleled to a 0.1µF capacitor) must be placed close to the VCC pins of TS30021/22/23. The inductor must be placed close to the VSW pins and connected directly to COUT in order to minimize the area between the VSW pin, the inductor, the COUT capacitor and the PGND pins. The trace area and length of the switching nodes VSW and BST should be minimized. For the adjustable output voltage version of the TS30021/22/23, feedback resistors RBOTSW and RTOPSW are required for Vout settings greater than 0.8V and should be placed close to the TS30021/22/23 in order to keep the traces of the sensitive node FB as short as possible and away from switching signals. RBOTSW should be connected to the analog ground pin (GND) directly and should never be connected to the ground plane. The analog ground trace (GND) should be connected in only one point to the power ground (PGND). A good connection point is under the TS30021/22/23 package to the exposed thermal pad and vias which are connected to PGND. RTOPSW will be connected to the VOUT node using a trace that ends close to the actual load. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |